Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1099 Datasheet HTML 6Page - Linear Technology LTC1099 Datasheet HTML 7Page - Linear Technology LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology LTC1099 Datasheet HTML 10Page - Linear Technology LTC1099 Datasheet HTML 11Page - Linear Technology LTC1099 Datasheet HTML 12Page - Linear Technology LTC1099 Datasheet HTML 13Page - Linear Technology LTC1099 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1099
10
ANALOG INTERFACE
The inclusion of a high quality sample-and-hold (S/H)
simplifies the analog interface to the LTC1099. All of the
error terms normally associated with an S/H (hold step,
offset, gain and droop errors) are included in the error
specifications for the A/D. This makes it easy for the
designer since all the error terms need not be taken into
account individually.
S/H Timing
A falling edge on the RD or WR input switches the S/H from
acquire to hold and starts the conversion. The aperture
time is the delay from the falling edge to the actual instant
when the S/H switches to hold. It is typically 110ns.
As soon as a conversion is complete (2.5
µs typ), the S/H
switches back to the sample mode. Even though the
acquisition time is only 240ns, a new conversion cannot
be started for (700ns typ) after a conversion is completed.
Analog Input
The input to the A/D looks like a 60pF capacitor in series
with 550
Ω (Figure 8).
With this high input capacitance care must be taken when
driving the inputs from a source amplifier. When the input
switch closes, an instantaneous capacitive load is applied
to the amplifier output. This acts like an impulse into the
amplifier and if it has poor phase margin the resulting
ringing can cause a considerable loss of accuracy. If the
amplifier is too slow the resulting settling tail will also
cause a loss of accuracy. The amplifier should also have
low open circuit output impedance. The LT1006 is an
1099 F08
VIN
550
Ω
TO A/D
60pF
Figure 8. Equivalent Input Circuit
excellent amplifier in this regard. It also works with a single
supply which fits nicely with the LTC1099.
Reference Inputs
Sixteen equal valued resistors are internally connected
between REF+ and REF–. Each resistor is nominally 200
Ω
giving a total resistance of 3.2k between the reference
terminals. When VIN equals REF+, the output code will be
all ones. When VIN equals REF–, the output code will be all
zeros.
Although it is most common to connect REF+ to a 5V
reference and REF– to ground, any voltages can be used.
The only restrictions are REF+ >REF– and REF+ and REF–
must be within the supply rails. As the reference voltage is
reduced the A/D will eventually lose accuracy. Accuracy is
quite good for references down to 1V.
Even though the reference drives a resistive ladder, a lot of
capacitive switching is taking place internally. For this
reason, driving the reference has the same characteristics
as driving VIN. A fast low impedance source is necessary.
The reference has the additional problem of presenting a
DC load to the driving source. This requires the DC as well
as the AC source impedance to be low.
Good Grounding
As with any precise analog system care must be taken to
follow good grounding practices when using the LTC1099.
The most noise free environment is obtained by using a
ground plane with GND (Pin 10) and REF– (Pin 11) tied to
it. Bypass capacitors from REF+ (Pin 12) and VCC (Pin 20)
with short leads are also required to prevent spurious
switching noise from affecting the conversion accuracy.
If a ground plane is not practical, single point grounding
techniques should be used. Ground for the A/D should not
be mixed in with other noisy grounds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com