Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology LTC1099 Datasheet HTML 10Page - Linear Technology LTC1099 Datasheet HTML 11Page - Linear Technology LTC1099 Datasheet HTML 12Page - Linear Technology LTC1099 Datasheet HTML 13Page - Linear Technology LTC1099 Datasheet HTML 14Page - Linear Technology LTC1099 Datasheet HTML 15Page - Linear Technology LTC1099 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1099
13
TYPICAL APPLICATIONS
0001 0000
0002 0032
AORG
>32
0003 0032 CE01
DINT
Disable Interrupts
0004 0033 C800
LDPK
>00
Data Page Pointer Is 0
0005 0034 8064 LOOP
IN
100,PAO Input 1099 Data to Address 100
0006 0035 CB13
RPTK
12
Repeat Next Instruction 12 Times
0007 0036 5500
NOP
Don’t Convert Again Too Soon
0008 0037 FF80
B
LOOP Go for Another Conversion
TMS320C25 Assembly Code for RD Mode Interface to LTC1099
VIN
DB0
DB1
DB2
DB3
WR/RDY
MODE
RD
INT
GND
VCC
TC
OFL
DB7
DB6
DB5
DB4
CS
REF+
REF
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
A0
A1
A2
IS
A3
D4
D5
D6
D7
D0
D1
D2
D3
A
B
C
G2A
G2B
G1
Y7
GND
5V
C1
C2
C1
C2
LTC1099
+
+
10k
5V
5V
(6)
(B8)
(C10)
(H10)
(4)
(5)
(3)
(1)
(2)
READY
MSC
STRB
VSS
VCC
TMS320C25
(B1, K11, L2)
(A10, B11, H2, L6)
(K1)
(K2)
(L3)
(J11)
(K3)
(D1)
(C2)
(C1)
(B2)
(F1)
(E2)
(E1)
(D2)
ANALOG
INPUT
VOLTAGE
1/2 74AS00
5V
1099 TA03
C1 = 4.7
µF TANTALUM
C2 = 0.1
µF CERAMIC
74AS138
TMS320C25 Interface Using RD Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com