Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology LTC1099 Datasheet HTML 10Page - Linear Technology LTC1099 Datasheet HTML 11Page - Linear Technology LTC1099 Datasheet HTML 12Page - Linear Technology LTC1099 Datasheet HTML 13Page - Linear Technology LTC1099 Datasheet HTML 14Page - Linear Technology LTC1099 Datasheet HTML 15Page - Linear Technology LTC1099 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LTC1099
15
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
N20 1098
0.020
(0.508)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.005
(0.127)
MIN
0.100
(2.54)
BSC
0.255
± 0.015*
(6.477
± 0.381)
1.040*
(26.416)
MAX
12
3
4
5
6
7
8
910
19
11
12
13
14
16
15
17
18
20
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N Package
20-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
S20 (WIDE) 1098
NOTE 1
0.496 – 0.512*
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
BSC
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
SW Package
20-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com