Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 4 Page - Linear Technology

  LTC1099 Datasheet HTML 1Page - Linear Technology LTC1099 Datasheet HTML 2Page - Linear Technology LTC1099 Datasheet HTML 3Page - Linear Technology LTC1099 Datasheet HTML 4Page - Linear Technology LTC1099 Datasheet HTML 5Page - Linear Technology LTC1099 Datasheet HTML 6Page - Linear Technology LTC1099 Datasheet HTML 7Page - Linear Technology LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1099
4
AMBIENT TEMPERATURE, TA (°C)
–50
1.8
1.6
1.4
1.2
1.0
0.8
0.6
4.5
4.0
3.5
3.0
2.5
2.0
1.5
25
75
1099 G07
–25
0
50
100
125
INPUT FREQUENCY (kHz)
1
–36
–38
–40
–42
–44
–46
–48
–50
–52
10
100
1099 G08
TA = 25°C
TC = 2.5µs
Conversion Time vs Temperature
Signal-to-Noise Ratio (SNR) vs
Input Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
AMBIENT TEMPERATURE, TA (°C)
20
18
16
14
12
10
8
6
4
2
0
1099 G01
– 50
– 25
0
25
50
75
100
125
REFERENCE VOLTAGE, VREF (V)
0
2
4
5
4
3
2
1
0
1099 G02
13
TA = 25°C
TC = 2.5µs
VOS Error vs Reference Voltage
Linearity Error vs Reference
Voltage
Supply Current vs Temperature
REFERENCE VOLTAGE, VREF (V)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
4
1099 G03
1
2
3
5
TA = 25°C
TC = 2.5µs
1099 G04
REFERENCE VOLTAGE, VREF (V)
0
2
4
5
4
3
2
1
0
13
TA = 25°C
TC = 2.5µs
RESISTANCE (k
Ω)
10
100
10
1.0
0.1
100
1000
1099 G05
RESISTOR BETWEEN
PIN 19 AND VCC
RESISTOR BETWEEN
PIN 19 AND GND
TA = 25°C
CONVERSION TIME (
µs)
1.6
0
0.2
0.6
0.8
1.0
1.8
2.0 2.1
2.5
1099 G06
0.4
1.7
1.9
2.2 2.3 2.4
TA = 25°C
Total Error vs Reference Voltage
Conversion Time vs REXT
Accuracy vs Conversion Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com