Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 3Page - STMicroelectronics AN1105 Datasheet HTML 4Page - STMicroelectronics AN1105 Datasheet HTML 5Page - STMicroelectronics AN1105 Datasheet HTML 6Page - STMicroelectronics AN1105 Datasheet HTML 7Page - STMicroelectronics AN1105 Datasheet HTML 8Page - STMicroelectronics AN1105 Datasheet HTML 9Page - STMicroelectronics AN1105 Datasheet HTML 10Page - STMicroelectronics AN1105 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
7/100
ST7 pCAN PERIPHERAL DRIVER
–A RTR bit used to differentiate data and remote frames. It is dominant in a data frame.
s
A 6-bit control field, including:
– A 4-bit data length code bits giving the size (in bytes) of the data field
–1 IDentifier Extension (IDE) bit (dominant for CAN 2.0A frame) and 1 bit reserved for fur-
ther development.
s
A data field of up to 8 bytes.
s
A 16-bit long CRC field. The Cyclic Redundancy Check (CRC) is based on a BCH encoding.
s
A 2-bit acknowledgment field. The transmitters sends it as all recessive. (See “Message
Acknowledgement” on page 11)
s
A 7-bit end-of-frame field.
The interframe space (or Intermission) is the minimum amount of time between two consecu-
tive transmissions.
Figure 2. CAN Data Frame
1.2.2 CAN Remote Frame
The CAN Remote frame is used to request data. This frame has the same overall constitution
as the data frame. However, in this case, the Remote bit (RTR) is recessive and there is no
data field.
19 bits
25 bits
11-bit Identifier
DLC
15 bits
Bus Idle
3 bits
7 bits
EOF
ACK
CRC Field
Control
Field
Arbitration Field
D
R
SOF
RTR = 0
IDE = 0
ACK Delimiter
ACK Slot
CRC
Delimiter
Interframe
Space
Data Field
Data
0..64 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com