Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 16Page - STMicroelectronics AN1105 Datasheet HTML 17Page - STMicroelectronics AN1105 Datasheet HTML 18Page - STMicroelectronics AN1105 Datasheet HTML 19Page - STMicroelectronics AN1105 Datasheet HTML 20Page - STMicroelectronics AN1105 Datasheet HTML 21Page - STMicroelectronics AN1105 Datasheet HTML 22Page - STMicroelectronics AN1105 Datasheet HTML 23Page - STMicroelectronics AN1105 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
20/100
ST7 pCAN PERIPHERAL DRIVER
If CTRUE, the data can be modified. Take care to check and/or initialize it before passing
a buffer to the driver.
Init_Data -type variables
typedef struct {
u8 brpr_init;
u8 btr_init;
u8 fhr1_init;
u8 flr1_init;
u8 mhr1_init;
u8 mlr1_init;
u8 fhr0_init;
u8 flr0_init;
u8 mhr0_init;
u8 mlr0_init;
u8 }Init_Data;
This structure contains the value of registers that can be reinitialized when switching on the
cell after a passage in Standby state (see Section 2.1.5.2 "Functions", CAN_Switch_On).
It is used for hardware initialization.
–
brpr_init: value of the CANBRPR register (set length of a CAN time quantum in number of
CPU clock ticks). See “Bit timing” on page 9.
–
btr_init: value of the CANBTR register (length of both time segments 1 and 2 in number of
time quanta). See “Bit timing” on page 9.
–
fhr1_init: value of Filter 1 High Register.
–
flr1_init: value of the Filter1 Low Register.
–
mhr1_init: value of the Mask 1 High Register.
–
mlr1_init: value of the Mask 1 Low Register.
–
fhr0_init: value of Filter 0High Register.
–
flr0_init: value of the Filter 0 Low Register.
–
mhr0_init: value of the Mask 0High Register.
–
mlr0_init: value of the Mask 0Low Register.
Enum -type variables
The names of the variables are in principle self-explanatory.
typedef enum
{DLC0,DLC1,DLC2,DLC3,DLC4,DLC5,DLC6,DLC7,DLC8,REMOTE_FRAME}CAN_Data_Size;
Possible values of the CAN_Message data_size field (See “CAN_Buffer -type variables” on
page 19)
typedef enum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com