Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 15Page - STMicroelectronics AN1105 Datasheet HTML 16Page - STMicroelectronics AN1105 Datasheet HTML 17Page - STMicroelectronics AN1105 Datasheet HTML 18Page - STMicroelectronics AN1105 Datasheet HTML 19Page - STMicroelectronics AN1105 Datasheet HTML 20Page - STMicroelectronics AN1105 Datasheet HTML 21Page - STMicroelectronics AN1105 Datasheet HTML 22Page - STMicroelectronics AN1105 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
19/100
ST7 pCAN PERIPHERAL DRIVER
– Error ITs are only processed if the DEBUG option was chosen in can_custom.h. Then, the
application is notified of any other events through function calls. (Functions entered in
can_custom.c).
2.1.5 User Interface Description
This section describes the user interface in a “black-box” way. The parameters and the return
values of the function declared in can.h and can_custom.h are described in this section. For a
complete description of the algorithms and internal data type variables, please see Section 3
"Detailed Description".
2.1.5.1 Data-type Variables
CAN_Buffer -type variables
typedef struct CAN_Buffer{
u16msg_identifier;
CAN_Data_Size data_size;
u8 CAN_msg_data[CAN_MAX_DATA_SIZE];
CAN_Bool buffer_rw;
CAN_Bool buffer_free;
}CAN_Buffer;
Software representation of CAN data. The translation into hardware buffers is performed by
the driver.
A variable of this data-type must be passed to the driver each time it is requested by the
CAN_Request_Buffer notification function (See “Functions called unconditionally” on
page 26). Otherwise, data in the hardware buffer will be lost.
A pointer to this structure is also used as parameter of the CAN_Transmit_Request function
(See “Functions” on page 21).
–
msg_identifier: 2 bytes field containing the identifier of the CAN message. The identifier is
stored in the 12 most significant bits. The 4 least significant bits MUST be zero. The u16
type means 2 bytes unsigned variable and is defined in lib.h.
–
data_size: 1 byte field containing the length of the data in the message (in bytes). The
CAN_Data_Size type is an enum type (See below for its description).
–
CAN_msg_data: array of 8 bytes containing the data to be sent. The u8u16 type means 1
byte unsigned variable and is defined in lib.h.
–
buffer_rw: this boolean variable is to be used as a flag to prevent simultaneous writing/
reading on the structure. It is checked and modified by the driver each time an operation
is being performed on the buffer. If CTRUE, the structure will not be read or written. If
CFALSE, it can be used. Always check/modify this variable in your application for this pur-
pose.
–
buffer_free: boolean variable used to mark if the data in the buffer can be overwritten or
not. It has to be used as the security by the user’s application. If CFALSE, the driver will
refuse to perform any write operation on the data in the structure and return an error code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com