Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1105 Datasheet HTML 1Page - STMicroelectronics AN1105 Datasheet HTML 2Page - STMicroelectronics AN1105 Datasheet HTML 3Page - STMicroelectronics AN1105 Datasheet HTML 4Page - STMicroelectronics AN1105 Datasheet HTML 5Page - STMicroelectronics AN1105 Datasheet HTML 6Page - STMicroelectronics AN1105 Datasheet HTML 7Page - STMicroelectronics AN1105 Datasheet HTML 8Page - STMicroelectronics AN1105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
4/100
ST7 pCAN PERIPHERAL DRIVER
1 CAN COMMUNICATION PROTOCOL
In the early 80s, electronic applications appeared in the automotive world. The need gradually
arose to establish real-time communications between various types of on-board equipment.
In 1986, the CAN bus protocol, designed by Robert Bosch GmbH, was presented to the public
for the first time. In 1989, the first silicon implementing the protocol was issued and in 1991,
the first car equipped with a CAN network was produced.
Today, the protocol is an international norm (ISO 11898). Its relative simplicity, the wide avail-
ability of products and services in terms of chips, software libraries, starter kits, courses and
training makes the development of applications relatively fast and cheap.
The CAN protocol provides the user with very reliable communication, with a powerful error
detection/confinement mechanism. It allows baud rates up to 1Mbaud (for networks of up to
40m) which makes it able to support real time applications. The bus can of course be config-
ured with lower speeds for larger networks (50kbaud for networks up to 1km long for ex-
ample).
There were more than 150 million CAN nodes installed at the beginning of 1999.
1.1 GENERAL CHARACTERISTICS
1.1.1 Protocol properties
s
Asynchronous serial bus (See “Bit timing” on page 9)
– No clock signal is transmitted, allowing a two-wires (high speed CAN see ISO 11898) or
even one-wire communication (low speed CAN, see ISO 11519)
– Each node resynchronizes itself on every falling edge occurring on the bus.
s
CSMA/CA (Carrier Sense Multiple Access/Collision Avoidance)
– Several nodes can request the bus simultaneously (CSMA).
– When such a situation occurs, there is no loss of data and the message with the highest
priority is immediately sent (CA).
s
Multimaster capability (See “Arbitration Phase” on page 10)
– Every CAN node in the network is able to transmit data.
– The arbitration mechanism is decentralized.
s
Object oriented communication
– Each message on the bus carries its own identifier which is an 11-bit (or 29-bit) number.
This field describes the content of the message. It is not an address.
– Consequently, a transmitter doesn’t address data to a peer but simply broadcasts its data.
Each node in the network picks off data from the bus when it recognizes an identifier that
concerns it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com