Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 8Page - STMicroelectronics AN1105 Datasheet HTML 9Page - STMicroelectronics AN1105 Datasheet HTML 10Page - STMicroelectronics AN1105 Datasheet HTML 11Page - STMicroelectronics AN1105 Datasheet HTML 12Page - STMicroelectronics AN1105 Datasheet HTML 13Page - STMicroelectronics AN1105 Datasheet HTML 14Page - STMicroelectronics AN1105 Datasheet HTML 15Page - STMicroelectronics AN1105 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
12/100
ST7 pCAN PERIPHERAL DRIVER
Figure 8. CAN Error States
When both counters contain values between 0 and 127, the CAN node is in Error Active
state, which means that it can send and receive normally. If it detects an error, it will send Ac-
tive Error flags.
When one of the two counters reaches a value between 128 and 255, the node is in Error
Passive state. It will go on receiving and sending normally but will only be authorized to send
Passive Error flags. Therefore, if this node causes trouble by sending unjustified Error frames,
it will not disturb the network for too long.
When one of the counters reaches a value over 255 (i.e. it overflows), the CAN node enters
Bus Off state. It is then physically disconnected from the bus. It can go back to Active mode
if it successfully detects 128x11 consecutive recessive bits on the bus.
1.6 ST7 PCAN PERIPHERAL
1.6.1 Main Features
The ST7 pCAN peripheral implements a CAN 2.0B passive protocol. This means that ex-
tended frames are recognized and acknowledged, but cannot be saved nor processed by the
microcontroller.
– The pCAN peripheral is based on three 10-byte hardware buffers that can be used either
for transmission or reception. They are prioritized in the increasing priority order 1 to 3 for
transmission and 3 to 1 for reception. Each buffer has a control register indicating if a job is
pending, if new data has been received or if the buffer is currently being written/read. A bit
in this register is used to lock the buffer for transmission (See ST72511 datasheet p.116).
– The baud rate is programmable up to 1 Mbps. The length of the bit synchronisation fields is
also programmable. The baud rate is configured by setting three values: the size of time
quanta (in clock ticks) and the length of the two synchronization segments (in time quanta).
See ST72511 datasheet p.114, Baud Rate Prescaler Register and Bit Timing Register.
Error Active
Error Passive
Bus Off
TEC >255
128 blocks of 11 suc-
cessive recessive bits
TEC>127 or REC>127
TEC<127 and REC<127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com