Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 40Page - STMicroelectronics AN1105 Datasheet HTML 41Page - STMicroelectronics AN1105 Datasheet HTML 42Page - STMicroelectronics AN1105 Datasheet HTML 43Page - STMicroelectronics AN1105 Datasheet HTML 44Page - STMicroelectronics AN1105 Datasheet HTML 45Page - STMicroelectronics AN1105 Datasheet HTML 46Page - STMicroelectronics AN1105 Datasheet HTML 47Page - STMicroelectronics AN1105 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
44/100
ST7 pCAN PERIPHERAL DRIVER
typedef enum {CAN_FILTER_MATCH,CAN_FILTER_NO_MATCH}CAN_Filter_Status;
Return values of the software filtering routine.
typedef enum {ITERR,ITRECEPT,ITTRANSMIT,ITSCIF}IT_Type;
Return values of the routine that determines which IT has to be processed first.
typedef enum
{CAN_CLEAN_FATAL,CAN_CLEAN_SUCCESS,CAN_CLEAN_FAILURE}CAN_Clean_Error;
Return values of the Cleaning function.
3.2.1.4 Status Counter
static u8 status_counter=0;
This is a variable used by the Sleep function to determine the state of the reception and trans-
mission registers. It is updated the following way:
– +1, when a reception IT is taken into account
– -1, when a reception buffer is released
– +1, when a message is put into the transmission queue
– -1, when a message is sent (in the IT function)
When the CAN_Sleep function is called, a simple test of this variable lets the driver know if
there are still pending jobs and if the Sleep operation must be cancelled.
3.2.2 Internal Routines
3.2.2.1 Static CAN_Filter_Status CAN_Filter(u16 ident_code)
Performs a classical dichotomy algorithm and compares the value given as parameter with the
contents of the i_filters array.
INPUT
CAN message identifier
OUTPUT
Error status
DESCRIPTION
Tests matching of IDs of received messages and software filters.
Possible returned status: CAN_FILTER_MATCH and CAN_FILTER_NO_MATCH
COMMENTS
Called by CAN_Receive
Compiled only if FILTERS_ENABLED is set.
Priority is given here to SPEED, that’s why the code may look strange.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com