Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 7Page - STMicroelectronics AN1105 Datasheet HTML 8Page - STMicroelectronics AN1105 Datasheet HTML 9Page - STMicroelectronics AN1105 Datasheet HTML 10Page - STMicroelectronics AN1105 Datasheet HTML 11Page - STMicroelectronics AN1105 Datasheet HTML 12Page - STMicroelectronics AN1105 Datasheet HTML 13Page - STMicroelectronics AN1105 Datasheet HTML 14Page - STMicroelectronics AN1105 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
11/100
ST7 pCAN PERIPHERAL DRIVER
1.4.2 Message Acknowledgement
Any cell having received a message correctly, regardless of the result of the acceptance test,
must acknowledge it by sending a dominant bit during the ACK slot of the current frame, thus
overwriting the recessive bit sent by the current transmitter.
1.5 ERROR MANAGEMENT
The Error Management System of the CAN protocol is proof of the protocol’s robustness. This
system provides a way to automatically distinguish permanent failures from sporadic errors. It
can lead to self-disconnection of a failing node from the bus. This feature is named Error Con-
finement. An error is defined as a violation of one of the protocol’s rules. It can happen after
one of following events:
–
Bit error: A transmitter detects a difference between the actual bus state and what it
sends.
–
Acknowledgement error: A frame is not acknowledged (ACK slot recessive).
–
Stuffing error: More than five identical bits were received consecutively.
–
CRC error: The CRC received does not match the calculated CRC.
–
Format error: One of the fixed-format fields (CRC delimiter, ACK delimiter, End Of Frame)
does not have the expected format.
An Error frame is immediately sent by all the cells that have detected an error on the bus. Note
that the Error frame does not yield to the Stuffing rule. Upon reception of this frame, all cells in
the network detect a Stuffing error and react by sending an Error frame. The dominant state of
the bus caused by the occurrence of an error can last at most 12 bits (case when a node de-
tects the error only at the end of the error flag).
The Error Confinement system is based on two counters:
– A TransmissionError counter (TEC)
– A ReceptionError Counter (REC)
The rules handling the counters are basically the following:
– When an emitting node detects an error, it increments its TEC and sends an error frame.
– When a receiving node detects an error it increments its REC and sends an error frame.
– When a transmission is successful, the TEC counter is decremented.
– When a reception is successful, the REC counter is decremented.
Note: The complete set of rules is quite complicated taking into account the possibility of receiving over-
load frames, etc. Consequently, it’s beyond the scope of this document. This document describes
the basic reactions of the cell. For more information, refer to the original Robert Bosch GmBH doc-
ument or to the ISO 11898 norm.
The behaviour of the cell concerning the state of the counters is shown in the following dia-
gram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com