Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1105 Datasheet HTML 1Page - STMicroelectronics AN1105 Datasheet HTML 2Page - STMicroelectronics AN1105 Datasheet HTML 3Page - STMicroelectronics AN1105 Datasheet HTML 4Page - STMicroelectronics AN1105 Datasheet HTML 5Page - STMicroelectronics AN1105 Datasheet HTML 6Page - STMicroelectronics AN1105 Datasheet HTML 7Page - STMicroelectronics AN1105 Datasheet HTML 8Page - STMicroelectronics AN1105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
5/100
ST7 pCAN PERIPHERAL DRIVER
s
Message prioritization
– The identifier of a message also indicates the priority of its carrier. During the arbitration
phase, a bitwise comparison of the different identifiers is performed. The message with the
higher identifier being the more urgent, it wins the arbitration and is immediately transmit-
ted.
s
Error management system (See “Error Management” on page 11)
– Detection: every node continuously monitors the bus, even if it is not concerned by the cur-
rent transmission, to detect potential violations of the protocol.
– Signalization: any node detecting an error, signals it to its peers and aborts the current
transmission meanwhile. The sender automatically retries transmission within a certain
amount of time. Thus, the consistency of data throughout the network is preserved.
– Confinement: each node implements counters which are incremented (or decremented)
after each detection of an error (or successful operation). A defective station can then
switch itself off when its counters reach a certain value, and thus stop disturbing the bus
operations.
1.1.2 CAN in the OSI reference model
The protocol occupies parts of the two lowest levels (the physical and data link layers) of the
7-level ISO/OSI (Open System Interconnection) telecommunications reference model.
Table 1. ISO/OSI Standard Telecommunication Layers
In this reference model, the data link layer deals with physically passing data from one node to
another. It defines arbitration, message framing, error management and transmission timing
for example.
The physical layer deals with putting data on the physical network, and with taking it off. Con-
sequently, it defines signal levels and timings, as well as the transmission support (wire types,
connectors, etc.).
The CAN protocol splits the Data Link layer into Object and Transfer sublayers, corre-
sponding to the ISO/OSI Logical Link Control and Medium Access Control sublayers. The
Transfer layer is the interface between the user application and the CAN. The Object layer
OSI Layer
OSI Model
CAN Protocol
7
Application
No (User defined)
6
Presentation
No (User defined)
5
Session
No (User defined)
4
Transport
No (User defined)
3
Network
No (User defined)
2
Data Link
Yes
1
Physical
Partly
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com