Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1105 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 13Page - STMicroelectronics AN1105 Datasheet HTML 14Page - STMicroelectronics AN1105 Datasheet HTML 15Page - STMicroelectronics AN1105 Datasheet HTML 16Page - STMicroelectronics AN1105 Datasheet HTML 17Page - STMicroelectronics AN1105 Datasheet HTML 18Page - STMicroelectronics AN1105 Datasheet HTML 19Page - STMicroelectronics AN1105 Datasheet HTML 20Page - STMicroelectronics AN1105 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
17/100
ST7 pCAN PERIPHERAL DRIVER
– The
CAN_Switch_Off and CAN_Sleep functions are used to switch the cell to Standby mode.
The first function kills any pending jobs and erases all data in the reception buffers, even if
the data is unread. The second function is executed the same way as long as no work is in
progress, the transmission FIFO is empty and all reception buffers have already been read.
These two functions also define the way the cell will be woken-up: either by bus or by soft-
ware (by enabling or disabling the corresponding interrupt). They can help you to manage
status changes by controlling the transition between Bus Off and Bus Active states (See Sec-
tion 2.1.3.1 "Controlling Status Changes").
–
CAN_Switch_On resets the cell and returns to RUN mode. It can also place the cell in a state
waiting for a dominant pulse to be woken-up.
–
CAN_Get_Status returns the current status of the peripheral (run, standby, error passive...)
–
CAN_Get_TEC returns the current content of the transmission error counter.
–
CAN_Get_REC returns the current content of the reception error counter.
2.1.3.1 Controlling Status Changes
Your application can be notified by the driver when the error state of the cell changes. (See
“Compilation Options” on page 25). If you don’t want the microcontroller to directly resynchro-
nize after leaving bus-off state for example, you can call the CAN_Switch_Off function from in-
side of the CAN_Bus_Off_Notification function (See “Can_custom.c File” on page 26), then
perform any operations you want before calling the CAN_Switch_On function to restart the pe-
ripheral.
2.1.3.2 Waking-up from HALT Mode
If you want to switch the ST7 to HALT mode and have it woken-up by the CAN, the correct in-
terrupt routine must be enabled. Before switching to HALT mode, call the CAN_Sleep or
CAN_Switch_Off function with the BUS_WAKEUP parameter that is used to enable the CAN
interrupt on the bus dominant state while in Standby state.
Then, enter the CAN_Dominant_Bit_Reception_Notification function to customize the waking
up of the microcontroller.
Note: See ST72511 datasheet p.37 for more information about HALT mode.
2.1.4 Interrupts (ITs)
Once the interrupt routine is entered, the first thing you want to know is “What triggered the
event?” Priority is then given to reception if more than one IT has occurred simultaneously, un-
less the DEBUG compilation option was set. In this case, the Error ITs are processed first.
– In the event of a Transmission IT, the driver tries to send the following message in the queue,
if it’s not empty. The driver then notifies the application of the event before leaving the rou-
tine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com