Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 5Page - STMicroelectronics AN2647 Datasheet HTML 6Page - STMicroelectronics AN2647 Datasheet HTML 7Page - STMicroelectronics AN2647 Datasheet HTML 8Page - STMicroelectronics AN2647 Datasheet HTML 9Page - STMicroelectronics AN2647 Datasheet HTML 10Page - STMicroelectronics AN2647 Datasheet HTML 11Page - STMicroelectronics AN2647 Datasheet HTML 12Page - STMicroelectronics AN2647 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AN2647
Interfacing with asynchronous memory
9/34
EMI_WR signal configuration
The EMI_WRxn timings are controlled by the WSTWR value in the EMI_WCRxn register
(Write Wait State Control) and the WSTWEN value in the EMI_WECRx (Write Enable
Control) register.
●
WSTWEN: Write Enable. WSTWEN specifies the delay period between the assertion
of the CSx chip select and the falling edge of EMI_WRxn. The delay is defined in terms
of BCLK clock periods which is (WSTWEN + 1/2) for asynchronous write cycles. The
minimum WSTWEN value is 1 in a multiplexed bus (for ALE with one BCLK period
width).With WSTWEN=1, EMI_WRxn becomes active only after the address phase is
over.
●
WSTWR: Write wait state. WSTWR specifies the pulse width of EMI_WRx. The pulse
width is defined in terms of BLCK periods and is equal to (WSTWR-WSTWEN+1) for
asynchronous write cycles.
The choice of the WSTWEN and WSTWR values depend on the address and data setup
time and data hold time of the memory device. The STR9 provides at least 1.5 tBCLK of
address setup time with WSTEN=1; and by default 0.5 tBCLK of data and address hold time.
The WSTWR or pulse width is then set accordingly to meet the data setup time of the
memory device
The write bus cycle in Figure 4. provides address setup time of 2.5 *tBCLK, data setup time
of 1*tBCLK and 0.5*tBCLK of data hold time.
Byte and word access in 16-bit multiplexed mode
The previous sections describe the read and write timings for 16-bit or half word access.
The CPU can generate 8-bit or 32-bit access using the assembly instruction of STRB, LDRB
or STR, LDR. The 8-bit bus cycle is the same as the 16-bit bus cycles, except AD15-AD8
are not driven during the data phase of the cycle.
For a 32-bit access, the EMI generates two consecutive 16-bit bus cycles. The two bus
cycles are identical to the standard 16-bit cycle, the only difference is the EMI_CS chip
select signal stays low during the two write cycles. Figure 5. shows the bus timings when the
CPU executes a 32-bit STR instruction followed by a LDR instruction. Note the EMI_CS
signal stays low in the two write bus cycles, but are separated in the two read bus cycles.
The two half words that were read in the two LDR read cycles are combined into one word in
the EMI block before being transferred to the CPU.
Figure 5.
Word (32-bits) write and read bus cycles in 16-bit multiplexed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com