Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 24Page - STMicroelectronics AN2647 Datasheet HTML 25Page - STMicroelectronics AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics AN2647 Datasheet HTML 28Page - STMicroelectronics AN2647 Datasheet HTML 29Page - STMicroelectronics AN2647 Datasheet HTML 30Page - STMicroelectronics AN2647 Datasheet HTML 31Page - STMicroelectronics AN2647 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Interfacing with synchronous memory
AN2647
28/34
Synchronous burst mode
PSRAM BCR register configuration for synchronous burst mode
For a system that requires high speed data transfer, you have to configure the PSRAM and
the EMI bus to operate in synchronous burst mode. Before writing to the PSRAM BCR (Bus
Configuration Register) to set up burst mode, the CRE signal must be driven high by writing
a 1 to GPIO pin P6.0. After the configuration, CRE must be set to low to return to normal bus
operation. The BCR configuration bus cycle operates in asynchronous mode and is
described in the previous section.
Table 9. shows the BCR configuration bit values. When writing to BCR, the register gets the
write data value not from the data bus input, but rather from the address lines A[21:0]. The
BCR data must then be embedded in your EMI address. Please note the internal 32-bit
ARM address is a byte aligned address. Before it is driven to the EMI bus, the address lines
are right shifted by one and is converted to a half-word (16-bit) aligned address.
After the PSRAM BCR register is configured for burst mode, the EMI bus also need to be re-
configured from asynchronous to synchronous burst mode. An EMI burst cycle consists of
an asynchronous access to read or write the first halfword and then followed by multiple
burst cycles, where each data transfer takes only one BCLK clock to complete. The timings
of the first access in a burst cycle are the same as defined in asynchronous mode.
EMI bus configuration for synchronous burst mode
Table 10 shows the EMI bus registers and control bits for synchronous mode operation. The
configuration is similar to the asynchronous mode, with the following additional bits are set
in the EMI_BCR register:
Table 9.
PSRAM bus configuration register bit setting for burst mode
Register
bit
Bit name
Bit
value
Function
21:20
reserved
0
19:18
Select BCR
10
Select BCR as target register
17:16
reserved
15
Operating mode
0
Synchronous Burst access(default=1, asynchronous
access)
14
Initial latency
1
Fixed Latency; first access time in a burst cycle
13:11
Latency counter
100
Set to code 4
10
Wait polarity
0
Active low
9reserved
0
8
Wait configuration
1
Asserted one data cycle before delay (default)
7:6
reserved
00
5:4
Drive strength
01
½ (default)
3
Burst Wrap
1
Burst no wrap (default)
2:0
Burst length
111
Continuous Burst (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com