Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 8Page - STMicroelectronics AN2647 Datasheet HTML 9Page - STMicroelectronics AN2647 Datasheet HTML 10Page - STMicroelectronics AN2647 Datasheet HTML 11Page - STMicroelectronics AN2647 Datasheet HTML 12Page - STMicroelectronics AN2647 Datasheet HTML 13Page - STMicroelectronics AN2647 Datasheet HTML 14Page - STMicroelectronics AN2647 Datasheet HTML 15Page - STMicroelectronics AN2647 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Interfacing with asynchronous memory
AN2647
12/34
Figure 7.
Read bus cycle, non-multiplexed bus
EMI_RD Signal Configuration
The EMI_RD signal's timing is controlled by the WSTRD value in the EMI_RCRx register
(Read Wait State Control) and the WSTOEN value in the EMI_OECRx register (Output
Enable Control).
●
WSTOEN: Read Enable. WSTOEN specifies the delay between the assertion of the
chip select and EMI_RDn goes low. The delay is defined in terms of BCLK clock
periods.The minimum WSTOEN value is 0 in a non-Multiplexed bus, EMI_RDn can be
active at the same time as the CSx signal.
●
WSTRD: Read wait state. WSTRD specifies the pulse width, or the rising edge of
EMI_RDn. The pulse width is defined in terms of BLCK periods and is = (WSTRD-
WSTOEN+1)The choice of WSTRD value depends on the access time of the memory
device, slow memory requires more wait states. Typically, the memory access time
must meet the following condition:
Memory Read access time < (tRAS + tRP - tRDS)
where tRAS is the read address setup time, tRP is the EMI_RDn pulse width and tRDS is the
data setup time.
The read bus cycle in Figure 7. has the following configuration:
WSTOEN = 1
WSTRD = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com