Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics AN2647 Datasheet HTML 28Page - STMicroelectronics AN2647 Datasheet HTML 29Page - STMicroelectronics AN2647 Datasheet HTML 30Page - STMicroelectronics AN2647 Datasheet HTML 31Page - STMicroelectronics AN2647 Datasheet HTML 32Page - STMicroelectronics AN2647 Datasheet HTML 33Page - STMicroelectronics AN2647 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Interfacing with synchronous memory
AN2647
30/34
EMI burst read bus cycle
In synchronous mode, the PSRAM latches the address at the rising clock edge while ALE is
low. The write signal WEn must be high when the address is sampled to start a read bus
cycle. The STR91xFA always reads in 16-bit with the UB/LB byte select signals staying low
for the entire cycle. For the initial access of the read cycle, the PSRAM is set up for fixed
latency with a latency counter value of 4. The read wait state WSTRD in the EMI is set up to
5 to match the PSRAM timing. Burst read cycle starts after the first initial access and the
PSRAM is driving data out every BCLK clock until the end of the chip select signal CSx. The
timing in Figure 15. shows a burst read cycle initiated by STR91xFA while executing a Load
Multiple instruction.
Figure 15.
EMI read bus cycle in burst mode
SCU_GPIOOUT7
15:0
Output Function
0x0AAA
Set Port 7 pins P7.5-P7.0 as A[21:16]
SCU_GPIOOUT6
15:0
Output Function
0x0001
P6.0 as GPIO out
SCU_GPIOOUT5
15:0
Output Function
0x0C00
Set P5.5 as CS1
Table 10.
EMI and port register config. for PSRAM sync mode (80 MHZ) BCLK)
EMI configuration
register
Register bit
Multiplexed 16-bits asynchronous mode
Bit
Name
Bit
value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com