Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 25Page - STMicroelectronics AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics AN2647 Datasheet HTML 28Page - STMicroelectronics AN2647 Datasheet HTML 29Page - STMicroelectronics AN2647 Datasheet HTML 30Page - STMicroelectronics AN2647 Datasheet HTML 31Page - STMicroelectronics AN2647 Datasheet HTML 32Page - STMicroelectronics AN2647 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AN2647
Interfacing with synchronous memory
29/34
1.
Enable synchronous mode
2.
Enable BCLK clock
3.
Enable burst read and write
4.
Burst read data transfer length
5.
Burst write data transfer length
Table 10.
EMI and port register config. for PSRAM sync mode (80 MHZ) BCLK)
EMI configuration
register
Register bit
Multiplexed 16-bits asynchronous mode
Bit
Name
Bit
value
Function
EMI_BCRx (maintain
reserved bits' default
value)
19:18
BWLEN
11
Burst write transfer length: Continuous
Burst
17
SYNCWRITEDE
V
1
synchronous write device
16
BMWrite
1
Burst mode write enabled
11:10
BRLEN
00
Burst read transfer length: Continuous
Burst
9
SYNCREADDEV
0
synchronous read device
8
BPM
0
Burst mode read
5:4
MW
01
16-bit data bus width
3
WP
0
Bank not write protected
0
BLE
1
Byte Lane Enable
EMI_RCR
4:0
WSTRD
101
Read Wait State = 5
70 ns PSRAM access time
EMI_OECR
3:0
WSTOEN
100
EMI_RDn assertion delay =4
EMI_WCR
4:0
WSTWR
101
Write Wait State =5
EMI_WECR
3:0
WSTWEN
000
EMI_WRn assertion delay =0
EMI_ICR
3:0
IDCY
011
Idle Cycle = 3 BCLK
EMI_BRDCR
4:0
WSTBRD
000
Burst read wait state=0
SCU_EMI
2
BYTE_EN
1
Enable EMI_UBn and LBn signals
1
BCLK_EN
0
Enable BCLK output
0
GPIOEMI
1
Set Port 8/9 as EMI bus
SCU_CLKCNTR
18:17
EMIRatio
00
BCLK=HCLK (80 MHz)
SCU_SCR0
8
EMI_ALE_LNGT
1
ALE length=1.5 tBCLK
7
EMI_ALE_POLR
0
ALE polarity-active low
6
EMI_MULTIPLE
XED
0
Multiplexed mode
SCU_GPIOTYPE [5:9]
7:0
Push-pull
0x00
Configure Port 5,6,7,8 and 9 as push-
pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com