Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 21Page - STMicroelectronics AN2647 Datasheet HTML 22Page - STMicroelectronics AN2647 Datasheet HTML 23Page - STMicroelectronics AN2647 Datasheet HTML 24Page - STMicroelectronics AN2647 Datasheet HTML 25Page - STMicroelectronics AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics AN2647 Datasheet HTML 28Page - STMicroelectronics AN2647 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
AN2647
Interfacing with synchronous memory
25/34
EMI bus configuration for asynchronous mode
Table 8 shows the EMI bus registers and control bits that are required for the STR91xFA to
access the PSRAM in asynchronous mode. The burst mode parameters are included in the
table but are not don't cares in asynchronous mode
The key parameters that you have to configure are:
1.
BCLK clock frequency, which is set to 80 MHz to match the MT45W4M's maximum
clock rate. Note the BCLK pin is disabled in asynchronous mode.
2.
Select the EMI_WEn, EMI_UBn, EMI_LBn signals for 16-bit write
3.
Set EMI_RDn timing (WSTRD=5, WSTOEn=4), EMI_WEn timing (WSTWR=5,
WSTWEn=0). The read and write timings should meet the MT45W4M's 70 ns access
time.
4.
Set EMI_ALE to 2 tBCLK wide and active low.
5.
Configure Port5,6, 7, 8 and 9 as EMI bus port. Set Port 6 pin P6.0 as CRE output and
Port 5 pin P5.1 as CS1 chip select.
Table 8.
EMI and port register configuration for PSRAM async mode (80 MHZ BCLK)
EMI configuration
register
Register bit
Multiplexed 16-bits asynchronous mode
Bit
Name
Bit value
Function
EMI_BCRx (maintain
reserved bits' default
value)
19:18
BWLEN
00
Burst write transfer length
17
SYNCWRITEDEV
0
Asynchronous write device
16
BMWrite
0
Burst mode write disabled
11:10
BRLEN
00
Burst read transfer length
9
SYNCREADDEV
0
asynchronous read device
8
BPM
0
Normal mode (non burst or page mode)
5:4
MW
01
16-bit data bus width
3
WP
0
Bank not write protected
0
BLE
1
Byte Lane Enable
EMI_RCR
4:0
WSTRD
101
Read Wait State = 5
70 ns PSRAM access time
EMI_OECR
3:0
WSTOEN
100
EMI_RDn assertion delay = 4
EMI_WCR
4:0
WSTWR
101
Write Wait State = 5
EMI_WECR
3:0
WSTWEN
000
EMI_WRn assertion delay = 0
EMI_ICR
3:0
IDCY
011
Idle Cycle = 3 BCLK
EMI_BRDCR
4:0
WSTBRD
000
Burst read wait state= 0
SCU_EMI
2
BYTE_EN
1
Enable EMI_UBn and LBn signals
1
BCLK_EN
1
Disable BCLK output
0
GPIOEMI
1
Set Port 8/9 as EMI bus
SCU_CLKCNTR
18:17
EMIRatio
00
BCLK=HCLK (80 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com