Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 9Page - STMicroelectronics AN2647 Datasheet HTML 10Page - STMicroelectronics AN2647 Datasheet HTML 11Page - STMicroelectronics AN2647 Datasheet HTML 12Page - STMicroelectronics AN2647 Datasheet HTML 13Page - STMicroelectronics AN2647 Datasheet HTML 14Page - STMicroelectronics AN2647 Datasheet HTML 15Page - STMicroelectronics AN2647 Datasheet HTML 16Page - STMicroelectronics AN2647 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AN2647
Interfacing with asynchronous memory
13/34
Write bus cycle timing configuration
Figure 8. shows a typical Write Bus Cycle. The write bus cycle timing differs from the read
bus cycle in two ways:
Figure 8.
Write bus cycle, non-multiplexed bus
– The write signal (EMI_BWRn) aligns with the falling edge of the BCLK
– EMI_BWRn is terminated half tBCLK before the CSx signal
EMI_BWR signal configuration
The EMI_BWRn signal timing is controlled by the WSTWR value in the EMI_WCRxn
register (Write Wait State Control) and the WSTWEN value in the EMI_WECRx (Write
Enable Control) register.
●
WSTWEN: Write Enable. WSTWEN specifies the delay period between the assertion
of the CSx chip select and the falling edge of EMI_BWRn. The delay is defined in terms
of BCLK clock periods and is (WSTWEN + 1/2) for asynchronous write cycles. The
minimum WSTWEN value can be 0 in a non-Multiplexed bus.
●
WSTWR: Write wait state. WSTWR specifies the pulse width of EMI_BWRn. The pulse
width is defined in terms of BLCK period and is equal to (WSTWR-WSTWEN+1) for
asynchronous write cycles.
The choice of the WSTWEN and WSTWR values depend on the address setup time, data
setup time and data hold time of the memory device. The STR9 provides at least 1.5 tBCLK
of address setup time with WSTEN=1; and by default 0.5 tBCLK of data and address hold
time. The WSTWR or pulse width is set accordingly to meet the memory's data setup time
requirement.
The WSTWEN and WSTWR are set to one in Figure 8., providing address setup time of
1.5*tBCLK, data setup time of 1.5*tBCLK and 0.5*tBCLK of data hold time.
Half word and word access in 8-bit non-multiplexed mode
In the 8-bit non-multiplexed mode, the CPU is able to read or write 16-bit or 32-bit data using
the assembly instruction of STRH, LDRH or STR, LDR. For 16-bit access, the EMI
generates two consecutive 8-bit bus cycles; while 32-bit access results in 4 consecutive 8-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com