Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 15Page - STMicroelectronics AN2647 Datasheet HTML 16Page - STMicroelectronics AN2647 Datasheet HTML 17Page - STMicroelectronics AN2647 Datasheet HTML 18Page - STMicroelectronics AN2647 Datasheet HTML 19Page - STMicroelectronics AN2647 Datasheet HTML 20Page - STMicroelectronics AN2647 Datasheet HTML 21Page - STMicroelectronics AN2647 Datasheet HTML 22Page - STMicroelectronics AN2647 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
AN2647
Interfacing with synchronous memory
19/34
2
Interfacing with synchronous memory
STR91xFA has up to 96 KB of internal SRAM which is enough for most applications. For
systems that need large amount of SRAM, an attractive alternative is to use PSRAM
(Pseudo Static RAM). PSRAM is widely used in mobile phone, PDA and other portable
electronic products, mainly due to its high density, high performance, low power and low
cost. It takes more work to interface and configure a PSRAM than the standard SRAM, but it
is worth the effort. Please note the STR91xFA with the 144-ball BGA package is the only
device that has the additional EMI signals to interface to a PSRAM.
This Part of application note describes how to configure the STR91xFA EMI bus to access a
PSRAM. Topics include:
●
Connecting a PSRAM to the EMI bus
●
Asynchronous mode configurations and timings
●
Burst mode configurations and timings
●
High Speed data transfer using the DMA Controller
Please refer to Section 1 to get familiar with the basic EMI bus timings and configurations.
There are many PSRAM suppliers to choose from, device with density ranging from 16 Mb
to 128Mb, and clock rate from 66 MHz to 133 MHz. The PSRAM used in this application
note is a Micron Technology 64 Mb Async/Page/Burst CellularRAMTM 1.5 Memory (part #
MT45W4MW16BCGB-708 WT). It is organized as 4M x 16 with a clock rate of up to 80
MHz. This AN includes a brief overview of the PSRAM; it is recommended that the reader
refer to the Data Sheet for detail descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com