Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2647 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 12Page - STMicroelectronics AN2647 Datasheet HTML 13Page - STMicroelectronics AN2647 Datasheet HTML 14Page - STMicroelectronics AN2647 Datasheet HTML 15Page - STMicroelectronics AN2647 Datasheet HTML 16Page - STMicroelectronics AN2647 Datasheet HTML 17Page - STMicroelectronics AN2647 Datasheet HTML 18Page - STMicroelectronics AN2647 Datasheet HTML 19Page - STMicroelectronics AN2647 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Interfacing with asynchronous memory
AN2647
16/34
1.2.3
BCLK clock frequency
The EMI bus clock (BCLK) can be configured to have the same frequency or half the
frequency of the AHB bus clock (HCLK). The maximum BCLK frequency supported by the
EMI bus is specified in the STR91xFA Data Sheet.
The BCLK frequency is controlled by the EMIRATIO bit in the SCU_CLKCNTR register to
divide the HCLK by 1 or by ½.
The BCLK pin is available as an output in BGA package only. The BCLK clock is enabled by
setting bit 1 in the SCU_EMI register
Table 4.
EMI port configuration
Port7
Port8 and 9
Port0
(P0.4-P0.7)
Port5
(P5.4-P5.7)
EMI bus signals:A16-
A23 or CS0-CS3
(Multiplexed bus)
A0-A7
(Non-multiplexed bus)
EMI bus
signals:AD0-AD15
(Multiplexed bus)
D0-D7 & A8-A15
(Non-multiplexed
bus)
EMI bus signals:
CS0-CS3
EMI bus signals:
CS0-CS3
Multiplexed Bus
Port Register
configuration
SCU_GPIOOUT7
[13:0]=to ALT 2 function
SCU_GPIOOUT7
[15:14]=to ALT 3 function
SCU_GPIOOUT7=0XEA
AA
(A16-A23 are pin
selectable, you only need
to configure the pins that
are required)
SCU_EMI Register
GPIOEMI bit =0
(Set ports 8 and 9 as
EMI AD bus)
SCU_GPIOOUT0
[8:15]= to ALT 3
function.
SCU_GPIOOUT0=
0XFFxx
(CS0-3 are pin
selectable, you only
need to configure the
pins that are
required)
SCU_GPIOOUT0
[8:15]= to ALT 3
function.
SCU_GPIOOUT0=
0XFFxx.
(CS0-3 are pin
selectable, you only
need to configure
the pins that are
required)
SCU_GPIOTYPE7
=0X00 (push-pull)
SCU_GPIOTYPE8,9
=0X00 (push-pull)
SCU_GPIOTYPE0
=0X0x (push-pull)
SCU_GPIOTYPE5
=0X0x (push-pull)
EMI_Multiplexed mode
bit in SCU_SCR0 [6]=0
Non-Multiplexed
Bus Port Register
Configuration
SCU_GPIOOUT7
[13:0]=to ALT 2 function
SCU_GPIOOUT7
[15:14]=to ALT 3 function
SCU_GPIO=0XEAAA
SCU_EMI Register
GPIOEMI bit =1
(set ports 8 as data
bus and 9 as
address bus)
Same as Multiplexed
bus
Same as
Multiplexed bus
SCU_GPIOTYPE7
=0X00 (push-pull)
SCU_GPIOType8,9
=0X00 (push-pull)
EMI_Multiplexed mode
bit in SCU_SCR0 [6]=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com