Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 5Page - STMicroelectronics AN2834 Datasheet HTML 6Page - STMicroelectronics AN2834 Datasheet HTML 7Page - STMicroelectronics AN2834 Datasheet HTML 8Page - STMicroelectronics AN2834 Datasheet HTML 9Page - STMicroelectronics AN2834 Datasheet HTML 10Page - STMicroelectronics AN2834 Datasheet HTML 11Page - STMicroelectronics AN2834 Datasheet HTML 12Page - STMicroelectronics AN2834 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
DocID15067 Rev 2
9/45
AN2834
ADC errors
44
2
ADC errors
This section lists the main errors which have an effect on A/D conversion accuracy. These
types of error occur in all A/D converters and conversion quality depends on eliminating
them. Values for these errors are specified in the ADC characteristics section of the STM32x
device datasheets.
Different accuracy error types are specified for the STM32x ADC. Accuracy errors are
normally expressed as multiples of 1 LSB for easy reference. The resolution in terms of
voltage depends on the reference voltage. The error in terms of voltage is calculated by
multiplying the number of LSBs with the voltage corresponding to 1LSB (1LSB = VREF+/212
or VDDA/212).
2.1
ADC errors related to the ADC itself
2.1.1
Offset error
It is defined as the deviation between the first actual transition and the first ideal transition.
The first transition occurs when the digital output of the ADC changes from 0 to 1. Ideally,
when the analog input is between 0.5 LSB and 1.5LSB, the digital output should be 1.
Ideally still, the first transition occurs at 0.5 LSB. The offset error is denoted by EO. Offset
error can easily be calibrated by the application firmware.
Example
For the STM32x ADC, the smallest detectable incremental change in voltage is expressed
in terms of LSBs:
1 LSB = VREF+/4096 (on some packages is VREF+ = VDDA).
If VREF+ = 3.3 V, ideally, the input of 402.8 µV (0.5 LSB = 0.5 × 805.6 µV) should lead to the
generation of a digital output of 1. In practice, however, the ADC may still show the reading
as 0. If a digital output of 1 is obtained from an analog input of 550 µV, then:
Offset error = Actual transition – Ideal transition
EO = 550 µV – 402.8 µV = 141.2 µV
EO = 141.2 µV / 805.6 µV = 0.17 LSB
When an analog input voltage greater than 0.5LSB generates the first transition, the offset
error is positive. Figure 7 shows a positive offset error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com