Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 9Page - STMicroelectronics AN2834 Datasheet HTML 10Page - STMicroelectronics AN2834 Datasheet HTML 11Page - STMicroelectronics AN2834 Datasheet HTML 12Page - STMicroelectronics AN2834 Datasheet HTML 13Page - STMicroelectronics AN2834 Datasheet HTML 14Page - STMicroelectronics AN2834 Datasheet HTML 15Page - STMicroelectronics AN2834 Datasheet HTML 16Page - STMicroelectronics AN2834 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
DocID15067 Rev 2
13/45
AN2834
ADC errors
44
2.1.4
Integral linearity error
The integral linearity error is the maximum deviation between any actual transition and the
endpoint correlation line. The ILE is denoted by EL. It is represented in Figure 12.
The endpoint correlation line can be defined as the line on the A/D transfer curve that
connects the first actual transition with the last actual transition. EL is the deviation from this
line for each transition. The endpoint correlation line thus corresponds to the actual transfer
curve and has no relation to the ideal transfer curve.
The ILE is also known as the integral non linearity error (INL). The ILE is the integral of the
DLE over the whole range.
Figure 12. Integral linearity error representation
Example
If the first transition from 0 to 1 occurs at 550 µV and the last transition (FFEh to FFFh)
occurs at 3.298435 V (gain error), then the line on the transfer curve connecting the actual
digital codes 1h and FFFh will be the endpoint correlation line.
VAIN
Digital output
ai15480
Actual transfer curve
EL
4095
550 μV
3.298435 V
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com