Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 10Page - STMicroelectronics AN2834 Datasheet HTML 11Page - STMicroelectronics AN2834 Datasheet HTML 12Page - STMicroelectronics AN2834 Datasheet HTML 13Page - STMicroelectronics AN2834 Datasheet HTML 14Page - STMicroelectronics AN2834 Datasheet HTML 15Page - STMicroelectronics AN2834 Datasheet HTML 16Page - STMicroelectronics AN2834 Datasheet HTML 17Page - STMicroelectronics AN2834 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
ADC errors
AN2834
14/45
DocID15067 Rev 2
2.1.5
Total unadjusted error
The total unadjusted error (TUE) is defined as the maximum deviation between the actual
and the ideal transfer curves. It is a parameter that specifies the total errors that may occur,
causing maximum deviation between the ideal digital output and the actual digital output. It
is the maximum deviation recorded between the ideal expected value and the actual value
obtained from the ADC for any input voltage.
The TUE is denoted by ET. It is represented in Figure 13.
The TUE is not the sum of EO, EG, EL, ED. The offset error affects the digital result at lower
voltages whereas the gain error affects the digital output for higher voltages.
Example
If VREF+ = 3.3 V and VAIN = 2 V, the ideal result is 9B2h. But if, on conversion, we get the
result 9B4h, the deviation may result from the offset since the DLE and ILE errors occur
simultaneously.
TUE = absolute (actual value – ideal case value) = 9B4h – 9B2h = 2h = 2LSB
Figure 13. Total unadjusted error
VAIN
Digital output
ai15481
Ideal transfer curve
Actual transfer curve
ET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com