Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 29Page - STMicroelectronics AN2834 Datasheet HTML 30Page - STMicroelectronics AN2834 Datasheet HTML 31Page - STMicroelectronics AN2834 Datasheet HTML 32Page - STMicroelectronics AN2834 Datasheet HTML 33Page - STMicroelectronics AN2834 Datasheet HTML 34Page - STMicroelectronics AN2834 Datasheet HTML 35Page - STMicroelectronics AN2834 Datasheet HTML 36Page - STMicroelectronics AN2834 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DocID15067 Rev 2
33/45
AN2834
How to get the best ADC accuracy
44
3.3.3
FFT for AC measurement
In some specific cases the application needs to know the amplitude of an AC signal with a
given frequency. In this case the effective value of an AC signal can also be obtained by
using a relatively slow sampling speed (in comparison to the measured signal frequency).
For example, when measuring an AC mains signal (which is near-to-sinusoidal and has
relatively low harmonics content), it is sufficient to choose a sampling frequency 32 times
greater than the mains frequency (50 Hz). In this case you can obtain harmonics of up to the
15th order. The amplitude of 15th harmonics in the main signal is very small (the next order
harmonics can be neglected). The calculated effective value of the mains signal is obtained
with high precision because the effective values of harmonics are added to the total AC
harmonic value as:
So if the 15th harmonics amplitude is only 1% (0.01) from the 1st harmonics (50 Hz) then its
contribution to the total effective value will be only 0.01% (because of theabove equation -
square addition: 0.012 = 0.0001).
The principle of this method is therefore to sample the AC signal with a known frequency
and then perform post-processing onthe FFT for each measured period. Because the
number of sampling points per measured signal period is small (32 points for example) then
the performance needed for FFT processing is not so high (only 32-point FFT for example).
Advantages: this method is good for AC measurement of signals with lower distortion.
The disadvantage is the requirement for precise signal sampling:
The frequency of the measured signal must be known and the ADC sampling
frequency must be set exactly as a 2n multiplier of the measured frequency.
The input signal frequency is measured by another method.
The ADC sampling frequency is tuned by programming the prescaler and MCU master
clock selection (if sampling is performed with an inaccurate clock an interpolation can
be used to obtain samples at the required points).
Uef
U1
2
U2
2
 U
n
2
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com