Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 37Page - STMicroelectronics AN2834 Datasheet HTML 38Page - STMicroelectronics AN2834 Datasheet HTML 39Page - STMicroelectronics AN2834 Datasheet HTML 40Page - STMicroelectronics AN2834 Datasheet HTML 41Page - STMicroelectronics AN2834 Datasheet HTML 42Page - STMicroelectronics AN2834 Datasheet HTML 43Page - STMicroelectronics AN2834 Datasheet HTML 44Page - STMicroelectronics AN2834 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
DocID15067 Rev 2
41/45
AN2834
How to get the best ADC accuracy
44
3.4.4
Source of described problem - ADC design
The following sections list some possible causes for the charging of the internal sampling
capacitor Csh. This is not an exhaustive list; only the main possible sources of the ADC
design are listed.
Parasitic switch capacitance effect
The sampling switch inside ADC sampling circuit (see Figure 33) is not ideal. In reality the
sample and hold switch (S1) is designed as 2 transistors (PMOS and NMOS, see
Figure 37):
Figure 37. Implementation of sampling switch
The switch is controlled by the gate voltages of transistors (inverted signal on PMOS
transistor). This design is a standard bidirectional switch (for rail to rail range of input Uin
voltages). Both transistors have parasitic capacitances between gate and source.
If those capacitances are charged (close to the switch), then their charge can be transferred
to the sampling capacitor (see Figure 38).
Figure 38. Parasitic capacitances of sampling switch
This charging and discharging currents (PMOS and NMOS asymmetric capacitances) can
cause charge transfer to sampling capacitor Csh.
H = switch on
L = switch off
Csh
S1
Uin
ai17909
Csh
S1
Uin
Cext
i
i
L --> H switching on
ai17910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com