Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 21Page - STMicroelectronics AN2834 Datasheet HTML 22Page - STMicroelectronics AN2834 Datasheet HTML 23Page - STMicroelectronics AN2834 Datasheet HTML 24Page - STMicroelectronics AN2834 Datasheet HTML 25Page - STMicroelectronics AN2834 Datasheet HTML 26Page - STMicroelectronics AN2834 Datasheet HTML 27Page - STMicroelectronics AN2834 Datasheet HTML 28Page - STMicroelectronics AN2834 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
DocID15067 Rev 2
25/45
AN2834
How to get the best ADC accuracy
44
3.2.6
Analog source resistance calculation
Let us assume that the maximum error allowed is equal to 1/2 LSB. We will calculate the
maximum source resistance allowed.
Vc is the voltage across the internal CADC capacitor (refer to Figure 15).
Then we have:
Figure 25. Worst case error: VAIN = VREF+
Let ts be the sampling time.
ts = TS/fADC, where Ts is the sampling time evaluated by cycles
(1)
For a given ts, the error corresponding to VAIN = VREF+ is greater than the error
corresponding to VAIN < VREF+ because the CADC capacitor takes more time to charge from
0 V to VAIN when VAIN = VREF+ than it takes when VAIN < VREF+ (refer to Figure 25). So VAIN
= VREF+ is the worst case to be taken into account in the demonstration of the maximum
source resistance.
, where:
Rmax = (RAIN + RADC)max
(2)
N is the ADC resolution (in our case N = 12)
This gives:
. Thus:
(3)
By combining equations (1), (2) and (3), we obtain final formula:
Error
VAIN Vc
–
1
2
---
LSB
==
VAIN = VREF+
VAIN < VREF+
Error(VAIN = VREF+) > Error(VAIN < VREF+)
0 V
Vc
t
Error(VAIN < VREF+)
ai15602
Error(VAIN = VREF+)
ts
Error
VREF+ VREF+ 1e
ts
RmaxCADC
--------------------------------
–
–






–
1
2
---
VREF+
2
N
-------------------
==
e
ts
RmaxCADC
--------------------------------
–
1
2
N1
+
-----------
=
Rmax
ts
CADC
2
N1
+

ln
------------------------------------------
=
RAINmax
Ts
fADC CADC
2
N1
+

ln

-------------------------------------------------------------------
RADCmax
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com