Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 17Page - STMicroelectronics AN2834 Datasheet HTML 18Page - STMicroelectronics AN2834 Datasheet HTML 19Page - STMicroelectronics AN2834 Datasheet HTML 20Page - STMicroelectronics AN2834 Datasheet HTML 21Page - STMicroelectronics AN2834 Datasheet HTML 22Page - STMicroelectronics AN2834 Datasheet HTML 23Page - STMicroelectronics AN2834 Datasheet HTML 24Page - STMicroelectronics AN2834 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
DocID15067 Rev 2
21/45
AN2834
How to get the best ADC accuracy
44
because the series resistance of the wire is very low. At high frequencies, however, the
impedance is high.
STM32x side
In most STM32x microcontrollers the VDD and VSS pins are placed close to each other. So
are the VREF+ and VSSA pins. A capacitor can therefore be connected very close to the
microcontroller with very short leads. For multiple VDD and VSS pins, use separate
decoupling capacitors.
The VDDA pin must be connected to two external decoupling capacitors (10 nF Ceramic +
1 µF Tantalum or Ceramic). See Figure 20 and Figure 21 for decoupling examples.
For STM32x devices delivered in 100/144-pin packages, it is possible to improve the
accuracy on low-voltage inputs by connecting a separate external ADC reference voltage
input on VREF+ (refer to Section 3.2.5). The voltage on VREF+ may range from 2.4 V to
VDDA. If a separate, external reference voltage is applied on VREF+, two 10 nF and 1 µF
capacitors must be connected on this pin. In all cases, VREF+ must be kept between 2.4 V
and VDDA.
Figure 20. Power supply and reference decoupling for 100- and 144-pin packages
Figure 21. Power supply decoupling for 36-, 48- and 64-pin packages
1 μF // 10 nF
1 μF // 10 nF
1 μF // 10 nF
VDDA
VDDA
VREF+
VREF+
VREF–
VREF–
VSSA
VSSA
VREF+ not connected to VDDA
VREF+ connected to VDDA
ai15487
1 μF // 10 nF
VDDA
VSSA
ai15488



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com