Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 18Page - STMicroelectronics AN2834 Datasheet HTML 19Page - STMicroelectronics AN2834 Datasheet HTML 20Page - STMicroelectronics AN2834 Datasheet HTML 21Page - STMicroelectronics AN2834 Datasheet HTML 22Page - STMicroelectronics AN2834 Datasheet HTML 23Page - STMicroelectronics AN2834 Datasheet HTML 24Page - STMicroelectronics AN2834 Datasheet HTML 25Page - STMicroelectronics AN2834 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
How to get the best ADC accuracy
AN2834
22/45
DocID15067 Rev 2
3.2.2
Reference voltage / Power-supply regulation
The power supply should have good line and load regulation since the ADC uses VREF+ or
VDDA as the analog reference and the digital value is the ratio of the analog input signal to
this voltage reference. VREF+ must thus remain stable at different loads.
Whenever the load is increased by switching on a part of the circuit, the increase in current
must not cause the voltage to decrease. If the voltage remains stable over a wide current
range, the power supply has good load regulation.
For example: for the LD1086D2M33 voltage regulator, the line regulation is 0.035% typical
when VIN varies from 2.8 V to 16.5 V (when Iload = 10 mA), and the load regulation is 0.2%
when Iload varies from 0 to 1.5 A (please refer to the LD1086 series datasheet for details).
The lower the line regulation value, the better the regulation. Similarly, the lower the load
regulation value, the better the regulation and the stability of the voltage output.
It is also possible to use a reference voltage for VREF+, for instance the LM236, which is a
voltage reference diode of 2.5 V (refer to LM236 datasheet for more details).
3.2.3
Analog-input signal noise elimination
Averaging method
Averaging is a simple technique where you sample an analog input several times and take
the average of the results by software. This technique is helpful to eliminate the effect of
noise on the analog input in case of an analog voltage that does not change often.
The average has to be made on several readings that all correspond to the same analog
input voltage. Make sure that the analog input remains at the same voltage during the time
period when the conversions are done, otherwise you will add up digital values
corresponding to different analog inputs, and you will introduce errors.
Adding an external filter
Adding an external RC filter eliminates the high frequency. An expensive filter is not needed
to deal with a signal that has frequency components above the frequency range of interest.
In this case, a relatively simple lowpass filter with a cutoff frequency fC just above the
frequency range of interest will suffice to limit noise and aliasing. A sampling rate consistent
with the highest frequency of interest will suffice, typically 2 to 5 times fC.
Note:
The R and C that form the external filter should have values that match the conditions
described in Section 3.2.4 and Section 3.2.7.
3.2.4
Adding white noise or triangular sweep to improve resolution
This method combines hardware and software techniques to improve precision. From a
software point of view, this method uses averaging (oversampling) and from a hardware
point of view, it uses signal modification/spreading/dithering.
Averaging can be used in cases where the input signal is noisy (some signal change is
necessary in order to be able to calculate an average) and the requirement is to obtain the
mean value of a signal. A problem appears when the input signal is a very stable voltage
without noise. In this case, when the input signal is measured, each data sample is the
same. This is because the input signal level is somewhere between two ADC word levels
(e.g. between 0x14A and 0x14B). Therefore it is not possible to determine the input voltage
level more precisely (e.g. if the level is near to 0x14A or near to 0x14B level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com