Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2834 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 36Page - STMicroelectronics AN2834 Datasheet HTML 37Page - STMicroelectronics AN2834 Datasheet HTML 38Page - STMicroelectronics AN2834 Datasheet HTML 39Page - STMicroelectronics AN2834 Datasheet HTML 40Page - STMicroelectronics AN2834 Datasheet HTML 41Page - STMicroelectronics AN2834 Datasheet HTML 42Page - STMicroelectronics AN2834 Datasheet HTML 43Page - STMicroelectronics AN2834 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
How to get the best ADC accuracy
AN2834
40/45
DocID15067 Rev 2
The formulas below show how to choose the optimal Cext value: signal bandwidth in
correlation with sample time. Signal bandwidth is characterized by an “external” timing
constant, so optimal solution is to charge Cext during tC:
After simplification we obtain the final formula for optimal Cext:
and the corresponding waiting time between conversions:
Practically the firmware must not program the ADC in continuous mode but only in single
mode and must ensure that there will be a time gap between conversions with duration
equal to tC. This adding of waiting time is the software change which must be applied
together with the hardware change (adding an external capacitor Cext).
Without implementation of tC waiting time in software (for instance, running a conversion just
after the first one) the external capacitor Cext will be cyclically charged from the Csh
capacitor. After a lot of cycles the voltage on Cext will reach a quite high error value (as
previously shown in Figure 36).
A practical example of implementation for STM32L1xx ADC is shown below:
Csh = 16 pF
..... ADC property
Rin = 150 k
..... signal source property
Umax = 4096 lsb
..... ADC property
Ulsb = 0.5 lsb
..... required precision
Rin Cext

tC
=
Rin Cext

Rin Cext

–
In 1
Csh
Cext
-----------
Umax
Ulsb
--------------
–
=
1
–
In 1
Csh
Cext
-----------
Umax
Ulsb
--------------
–
=
e
1
–
1
Csh
Cext
-----------
Umax
Ulsb
--------------
–
=
Cext
Csh
Umax
Ulsb
--------------
1e
1
–
–
------------------------
158
Csh
Umax
Ulsb
--------------
=
tC
Rin Cext

–
In 1
1
158
-------------
–
Rin Cext


Cext
158
Csh
Umax
Ulsb
--------------
158
16pF
4096
0.5
-------------

207nF
220nF
==
tC
Rin Csh

–
In 1
Csh
Cext
-----------
Umax
Ulsb
--------------
–
150k
 220nF

–
In 1
16pF
220nF
-----------------
4096
0.5
-------------
–
29891
s30ms
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com