Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 8Page - STMicroelectronics AN2869 Datasheet HTML 9Page - STMicroelectronics AN2869 Datasheet HTML 10Page - STMicroelectronics AN2869 Datasheet HTML 11Page - STMicroelectronics AN2869 Datasheet HTML 12Page - STMicroelectronics AN2869 Datasheet HTML 13Page - STMicroelectronics AN2869 Datasheet HTML 14Page - STMicroelectronics AN2869 Datasheet HTML 15Page - STMicroelectronics AN2869 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Main capacitive sensing guidelines
AN2869
12/43
Doc ID 15298 Rev 6
Table 3.
Dielectric constants of common materials used in a panel construction
Sensitivity
A useful parameter to consider with panel material and thickness (T) is the electric field
equivalent vacuum thickness TV.
Equation 1
where t is the thickness of the dielectric.
TV is the thickness of vacuum with an electric field conduction equivalent to that of the
material. The smaller it is, the easier the field can reach through. Panels with the same TV
make keys with identical sensitivity. This works for both directions of course and may be
used to evaluate the touch sensitivity from the back side of the application.
For a panel built from a stack of different materials, it is possible to add the vacuum
equivalent thickness of each layer:
Equation 2
Each material has an influence on the sensitivity. So the equation can be used when, for
example, the electrodes are on the bottom surface of the PCB substrate, then the thickness
and
ε
R of the substrate will be also factors of the global sensitivity.
Material
ε
R
Air
1.00059
Glass
4 to 10
Sapphire glass
9 to 11
Mica
4 to 8
Nylon
3
Plexiglass
3.4
Polyethylene
2.2
Polystyrene
2.56
Polyethylene terephthalate (PET)
3.7
FR4 (fiberglass + epoxy)
4.2
PMMA (Poly methyl methacrylate)
2.6 to 4
Typical PSA
2.0 - 3.0 (approx.)
T
V
t
ε
R
------
=
T
VSTACK
()
T
V layers
()
∑
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com