Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 26Page - STMicroelectronics AN2869 Datasheet HTML 27Page - STMicroelectronics AN2869 Datasheet HTML 28Page - STMicroelectronics AN2869 Datasheet HTML 29Page - STMicroelectronics AN2869 Datasheet HTML 30Page - STMicroelectronics AN2869 Datasheet HTML 31Page - STMicroelectronics AN2869 Datasheet HTML 32Page - STMicroelectronics AN2869 Datasheet HTML 33Page - STMicroelectronics AN2869 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Surface electrode design
AN2869
30/43
Doc ID 15298 Rev 6
Figure 24.
Track routing recommendation
Electrode banks
A set of electrodes that are driven simultaneously during the acquisition is called an
acquisition bank.
This set of electrodes and tracks interact less with each other and can be routed closer.
Typically, a spacing of twice the track width is sufficient.
For electrodes not belonging to the same bank, coupling must be avoided, a spacing of at
least 2 mm is required and 4 to 5 mm is recommended (see Figure 24).
Electrode spacing
To avoid cross detection on adjacent electrodes, it is recommended to keep a gap of at least
twice the panel thickness between electrodes (see Figure 24).
Interaction with other tracks
To avoid creating coupling with lines driving high frequency signals, it is recommended to
cross the sensor tracks perpendicularly with the other tracks. This is especially true for
communication lines, where it is forbidden to route them in parallel with the sensor tracks. To
avoid such a configuration, the pins of the microcontroller must be selected and grouped by
function. When it is possible, all the sensor pins are consecutively distributed on one or
several sides of the microcontroller package (the pins are then used as GPIOs like the LED
drivers and communication lines).
It is strongly recommended to dedicate the pins to be used as sensors and not to share
them with other features. Sharing tracks produces parasitic capacitance due to re-routing of
the sensor tracks, and impacts the sensitivity.
MS18980V1
Ground plane or
ground track
Key bank 1
Key bank 2
Any application track
(LED, power, Com.)
At least twice the
panel thickness
As thin as
PCB
technology
allows
At least
twice the
track width
At least 2 mm (4 - 5 mm is recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com