Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 19Page - STMicroelectronics AN2869 Datasheet HTML 20Page - STMicroelectronics AN2869 Datasheet HTML 21Page - STMicroelectronics AN2869 Datasheet HTML 22Page - STMicroelectronics AN2869 Datasheet HTML 23Page - STMicroelectronics AN2869 Datasheet HTML 24Page - STMicroelectronics AN2869 Datasheet HTML 25Page - STMicroelectronics AN2869 Datasheet HTML 26Page - STMicroelectronics AN2869 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
AN2869
Surface electrode design
Doc ID 15298 Rev 6
23/43
Figure 16.
Interlaced patterned rotary sensor
3.4.3
Rotary sensor with central touchkey
It is possible to locate a touchkey in the centre of a rotary sensor. This touchkey has a lower
sensitivity compared to other single keys. To reduce the loss of sensitivity induced by the
center key on the rotary sensor, it is recommended to place the center key and rotary sensor
electrodes on the same acquisition bank. The pattern of the central key must be as
symmetrical as possible so that the loading effect on the rotary sensor is also symmetrical.
ai15093
0.2 - 0.3 mm
0.2 - 0.3 mm
0.2 - 0.3 mm
Full band width 2.0 - 4.0 mm
Tooth pitch
2.0 - 4.0 mm
2 mm
LEGEND:
Via between layers
10 % meshed ground plane
Copper electrode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com