Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 14Page - STMicroelectronics AN2869 Datasheet HTML 15Page - STMicroelectronics AN2869 Datasheet HTML 16Page - STMicroelectronics AN2869 Datasheet HTML 17Page - STMicroelectronics AN2869 Datasheet HTML 18Page - STMicroelectronics AN2869 Datasheet HTML 19Page - STMicroelectronics AN2869 Datasheet HTML 20Page - STMicroelectronics AN2869 Datasheet HTML 21Page - STMicroelectronics AN2869 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Surface electrode design
AN2869
18/43
Doc ID 15298 Rev 6
Regarding panel thickness, the touchkey must be at least four times as wide as the panel is
thick. For example, a panel which is 1.5 mm thick and has no immediately adjacent ground
layer, must have a touchkey which is at least 6 mm in diameter if the key is round, or have a
6 mm side if the key is square (see Figure 11). There are sensitivity issues if dimensions
lower than these values are used.
Figure 11.
Recommended electrode size
As shown in Equation 3, a capacitor is used to detect the finger touch. The capacitor is
proportional to the size of the electrode. Increasing the electrode area allows the capacitor
to be maximized, but increasing the electrode size above the size of a finger touch only
increases the parasitic capacitance and not the finger touch capacitance, resulting in lower
relative sensitivity. Refer to Section 3.5.4: PCB and layout. There is also a problem of
relative sensitivity: when the electrode size is increased, CT stops increasing while CX keeps
growing. This is because the parasitic capacitance is directly proportional to the electrode
area.
Equation 3
where:
CT
is the touchkey capacitance
A
is the area with regard to the electrode and the conductive object
d
is the distance between the electrode and the conductive object (usually the
panel thickness)
ε
R
is the dielectric relative permittivity
ε
0
is the vacuum permittivity
6 mm (min.)
6 mm (min.)
C
T
ε
Rε 0A
d
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com