Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 10Page - STMicroelectronics AN2869 Datasheet HTML 11Page - STMicroelectronics AN2869 Datasheet HTML 12Page - STMicroelectronics AN2869 Datasheet HTML 13Page - STMicroelectronics AN2869 Datasheet HTML 14Page - STMicroelectronics AN2869 Datasheet HTML 15Page - STMicroelectronics AN2869 Datasheet HTML 16Page - STMicroelectronics AN2869 Datasheet HTML 17Page - STMicroelectronics AN2869 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Main capacitive sensing guidelines
AN2869
14/43
Doc ID 15298 Rev 6
2.2.5
Metal chassis
A metal chassis behind a touch sensor is a good path to the ground and tends to reduce the
sensitivity of the touch response in case there is a significant area of overlap. Such a
metallic surface must never be electrically floating as it makes the whole product unstable in
terms of touch detection. This is also applicable for any conductive decorative feature close
to the sensor.
Metal chassis and decorative items must be grounded or connected to the driven shield (see
Section 3.5.2: Driven shield) if it is implemented.
Metallic paints can be an issue if they contain conductive particles. Low particle density
paint is recommended.
2.2.6
Air gap
Due to its dielectric constant, air can be used as an isolator. An air gap reduces the touch
sensitivity when it is in the touch side stack. However, in some conditions, air can be useful
to reduce the ground loading in the non-touch side stack. Such ground loading can be due
to the metal chassis or an LCD. For instance, when designing a touch-screen solution, an air
gap of 0.5 mm to 1 mm between the LCD and the touch sensor is recommended. Air gaps
also help to reduce the sensitivity of the back side of a portable device.
2.2.7
Transfer of an electrode from PCB to the front panel
It is possible to use a conducting cylinder or a compressed spring to achieve a transfer of an
electrode from a PCB to the front panel. Please refer to Section 3.5.3 or Section 4.4.1 for
further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com