Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 20Page - STMicroelectronics AN2869 Datasheet HTML 21Page - STMicroelectronics AN2869 Datasheet HTML 22Page - STMicroelectronics AN2869 Datasheet HTML 23Page - STMicroelectronics AN2869 Datasheet HTML 24Page - STMicroelectronics AN2869 Datasheet HTML 25Page - STMicroelectronics AN2869 Datasheet HTML 26Page - STMicroelectronics AN2869 Datasheet HTML 27Page - STMicroelectronics AN2869 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Surface electrode design
AN2869
24/43
Doc ID 15298 Rev 6
3.5
Specific recommendations
3.5.1
LEDs and sensors
In some cases, a hole needs to be inserted in the sensor electrode to create a back-lighting
touchkey (see Figure 17). This is a very common solution which does not involve a
sensitivity dip in the middle of the sensor electrode as the electric field tends to close over
above the hole. As the sensor area decreases, there is a corresponding decrease in
sensitivity.
Figure 17.
Back-lighting touchkey
3.5.2
Driven shield
The principle of a driven shield is to drive the shield plane with the same signal as the
electrode.
There are several advantages to using a driven shield instead of a grounded shield:
●
The parasitic capacitance between the electrode and the shield no longer needs to be
charged. This cancels the effect on the sensitivity.
●
A driven shield is useful for certain applications where shielding may be required to:
–
Protect the touch electrodes from a noise source
–
Remove touch sensitivity from the cable or track between the electrode and the
sensing MCU.
–
Increase system stability and performance when a moving metal part is close to
the electrode.
MS18976V1
Field lines cover the hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com