Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 18Page - STMicroelectronics AN2869 Datasheet HTML 19Page - STMicroelectronics AN2869 Datasheet HTML 20Page - STMicroelectronics AN2869 Datasheet HTML 21Page - STMicroelectronics AN2869 Datasheet HTML 22Page - STMicroelectronics AN2869 Datasheet HTML 23Page - STMicroelectronics AN2869 Datasheet HTML 24Page - STMicroelectronics AN2869 Datasheet HTML 25Page - STMicroelectronics AN2869 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Surface electrode design
AN2869
22/43
Doc ID 15298 Rev 6
3.4
Rotary sensor
A rotary sensor is a set of contiguous capacitive electrodes (placed in a circle) connected to
the controller pins. It consists of a set of three, five or eight electrodes that can be interlaced,
like the linear touch sensor.
There are three kinds of rotary sensors:
●
Normal patterned rotary sensors
●
Interlaced patterned rotary sensors
●
Rotary sensor with central touchkey
3.4.1
Normal patterned rotary sensor
Figure 15.
Normal patterned rotary sensor (three electrodes)
1.
Legend: d is the diameter of the center, e is the gap between two sensor electrodes, w is the width of the
sensor electrode, L is the length of the external perimeter of the sensor electrode.
The dimensions d, e, w, and L of the three-electrode scheme above can also be applied for
five and eight electrodes, thus giving a bigger rotor.
3.4.2
Interlaced patterned rotary sensors
The three-electrode rotary touch sensor can be used for bigger rotary sensors with an
interlaced pattern.
This allows a smoother transition and a higher sensitivity. To cover a large range of sizes,
more teeth are added inside the rotary touch sensor rather than increasing the size of an
individual tooth.
e <= 0.5 mm
L = 10-12 mm
d >= 5 mm
w = 8-10 mm
ai15089



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com