Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 35Page - STMicroelectronics AN2869 Datasheet HTML 36Page - STMicroelectronics AN2869 Datasheet HTML 37Page - STMicroelectronics AN2869 Datasheet HTML 38Page - STMicroelectronics AN2869 Datasheet HTML 39Page - STMicroelectronics AN2869 Datasheet HTML 40Page - STMicroelectronics AN2869 Datasheet HTML 41Page - STMicroelectronics AN2869 Datasheet HTML 42Page - STMicroelectronics AN2869 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AN2869
Projected sensor design
Doc ID 15298 Rev 6
39/43
Figure 34.
Ground floods around Tx
Ground plane at the bottom is recommended to:
prevent false detection from the back side
shield Rx track from Tx one
increase the sensitivity
improve the directivity
For water immunity, avoid ground plane at top layer, and reduce it at the bottom by using
hatched plane.
Tx routing
To route the Tx signal efficiently, the most important thing to respect and almost the only one
is the RC time constant rule. But keep in mind that signals which switch rapidly (more than
tens of kHz) such as high speed communication signals, LCD or LED drive signals must be
routed far away from Tx.
The Tx track is less sensitive than the Rx track so it can be put on any layer of the PCB but
Rx tracks should be considered when routing it to ensure a good design.
Rx routing
On the other hand, the Rx track is very sensitive due to the capacitance of the sensor. A
false detection may occur if some guidelines are not followed. The most obvious is to route it
far from the sensor itself, e.g. on another layer.
Another one is to avoid placing ground near the Rx track which reduces the sensitivity.
Then, when Rx and Tx are very close (about less than 10 mm), an electric field is also
generated and a finger which roams here can generate a false touchkey detection (see
Figure 35).
MS18991V2
Rx1
Rx1
Rx4
Rx3
Rx2
Tx (bottom)
GND
Clearance Tx to GND = 1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com