Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2869 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 29Page - STMicroelectronics AN2869 Datasheet HTML 30Page - STMicroelectronics AN2869 Datasheet HTML 31Page - STMicroelectronics AN2869 Datasheet HTML 32Page - STMicroelectronics AN2869 Datasheet HTML 33Page - STMicroelectronics AN2869 Datasheet HTML 34Page - STMicroelectronics AN2869 Datasheet HTML 35Page - STMicroelectronics AN2869 Datasheet HTML 36Page - STMicroelectronics AN2869 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
AN2869
Projected sensor design
Doc ID 15298 Rev 6
33/43
4
Projected sensor design
Projected sensors are generally used to implement keys, rotary sensors or linear sensors
for use with microcontrollers such as STM8TL5x which embed a ProxSense interface.
4.1
Touchkey sensor
A projected sensor is composed of 2 electrodes, one connected to a transmitter and the
other to a receiver.
The touchkey sensor can be of any shape, however it is recommended to use a square as
this shape is the simplest. The touch sensing library and ProxSenseTM IP automatically
compensate for capacitance differences, but the acquisition time and processing
parameters can be optimized if the sensors have a similar capacitance. For this reason, it is
recommended to use the same shape for all sensors.
An electric field surrounds the Tx and Rx electrodes (see Figure 27). This field is dependent
on the permittivity
ε
R of both the front panel and the PCB. It should not be dependent on air
bubbles or moisture which can be trapped between them, because they must be sufficiently
well bonded by the adhesive.
Figure 27.
Electric field between 2 surface electrodes
1.
The above figure only shows a simplified representation of the sensor; for specification details, refer to
Figure 28 to Figure 30.
Hence, the sensitivity is dependent on known materials and is optimized. This will ensure
that the disturbance caused by the user’s finger is detected and measured with accuracy.
It is recommended to define the sensor size in relation to the panel thickness (d) and vice-
versa. The following formula helps the designer to define the external size of key sensors
(L), and also for linear touch sensor and rotary touch sensor parcels:
L (mm) = 3 + (1.75 * d)
For example, a typical 10*10 mm touchkey should be used with a 4 mm Plexiglas panel.
MS19683V1
Dielectric panel
Electric field
Electrodes
Electric field
Electrodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com