Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 3Page - STMicroelectronics AN2986 Datasheet HTML 4Page - STMicroelectronics AN2986 Datasheet HTML 5Page - STMicroelectronics AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN2986
Gate resistor choice
Doc ID 15727 Rev 1
7/18
As an example, Table 1 shows data for STM8S and STM32™. The data for STM8S are
taken from the high-sink pin. The data for STM32 are taken from the GPIO pin.
It is possible to put the pins in parallel to achieve bigger current capability. In that case the
maximum current through the MCU ground pin (VSS) has to be checked as it is limited to
a maximum value (refer to IVSS parameter on the MCU datasheet, for example:
STM8S103xx).
The gate resistor (RG) resistance varies with the accuracy of the resistor used. Standard
resistor accuracy is ±5% or ±1% with a preference for ±1% accuracy. The worst case has to
be taken into account for calculations.
The voltage drop of the gate junction (VGT) is a parameter that varies with the load current
flowing through the TRIAC/ACS and with temperature. Its value increases with a
temperature drop at a rate of 2 mV / °C. Load current dependency is discussed in
Section 2.1.
1.2.2
Gate resistor calculation
The value of the gate resistor has to be calculated in order to deliver the proper amount of
gate current under the worst condition which are:
●
minimum ambient temperature (0 °C),
●
minimum supply voltage (VDD min),
●
maximum voltage drop of the gate junction (VGTmax),
●
maximum output low voltage (VOLmax) for one high-sink I/O pin of the MCU
●
maximum resistance of the gate resistor for ±1% resistor accuracy (1.01 x RG).
The following equation summarizes all conditions for proper RG selection:
Equation 1
Two examples of calculation are shown:
Example 1: MCU: STM8S103K2 with ACS108-6T for power supply 5 V ±10%
Specified values:
IGT (25 °C) = 10 mA, VDD = 5 V, VGT(25 °C) = 1 V
Calculated values: IGT (0 °C) = 1.5 x IGT (25 °C) = 15 mA,
VDDmin = 0.9 x 5 V = 4.5 V,
Table 1.
Output low level voltage (VOLmax) for STM8S and STM32
IG = 8 mA
IG = 12 mA
IG = 20 mA
STM8S (VDD = 5 V) HS pin
0.35 V
0.6 V
1 V
STM8S (VDD = 3.3 V) HS pin
0.55 V
0.9 V
N/A(1)
1.
Maximum current capability of high-sink I/O port for STM8S with 3.3 V power supply is 12 mA as specified
in the datasheet STM8S103xx.
STM32 (VDD = 3.3 V) GPIO pin
0.4 V
NC(2)
2.
Information is not specified in the datasheet STM32103xx.
1.3 V
R
G
V
DD min
V
GTma x
–
V
OL ma x
–
I
GT 0° C
() 1.01
×
-------------------------------------------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com