Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics AN2986 Datasheet HTML 14Page - STMicroelectronics AN2986 Datasheet HTML 15Page - STMicroelectronics AN2986 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Gate current variation
AN2986
12/18
Doc ID 15727 Rev 1
2.3
Maximum current calculation
The maximum current that the MCU can handle is based on the following opposite
conditions:
●
maximum supply voltage (VDDmax),
●
minimum voltage drop of the gate junction (VGTmin),
●
minimum gate resistor (0.99 x RG),
●
minimum output low voltage (VOLmin).
Equation 7
As previously stated, a load RMS current of 1 A for Z0103 and 0.8 A for ACS108-6T is used.
Z01’s minimum VGT is then close to –0.1 V at 1.44 A peak load current in positive half-wave
and for a 125 °C junction temperature (worst case).
ACS108’s minimum VGT is close to 0.6 V for 1.15 A peak load current and for a 125 °C
junction temperature (worst case).
Two examples are shown. The same components are used as those given in Section 1.2.2.
Example 5: MCU: STM8S with ACS108 -6T for power supply 5 V ±10%
Specified values:
RG = 180 Ω, VDD = 5 V, VGT min (0.8 A) = 0.6 V
Calculated values:
VDDmax = 1.1 x 5 V = 5.5 V,
VOLmin IGT = 20 mA) = 0.8 V
IGmax is then given by:
Equation 8
This result exceeds the maximum MCU current capability for one high-sink I/O port. This
IGmax current can be sunk with 2 I/O ports in parallel. Estimation of VOLmin has been
provided for four high-sink I/O ports sinking at the same time 10 mA. VGTmin depends on
load current. A lower load current means higher VGTmin and therefore lower IGmax.
Example 6: STM32 + Z0103 for 3.3 V ±5%
Specified values:
RG = 300 Ω, VDD = 3.3 V, VGT min = –0.1 V
Calculated values:
VDD max = 1.05 x 3.3 V = 3.47 V
VOLmin (IGT = 8 mA) = 0.4 V
IG max is then given by:
Equation 9
I
Gma x
V
DDm ax
V
GTmin
–
V
OLm in
–
0.99
R
G
×
------------------------------------------------------------------------
<
I
Gm ax
5.5
0.6
–
0.8
–
0.99
180
×
-------------------------------------
23.2mA
=
<
I
Gmax
3.47
0.1
–
()
–
0.4
–
0.99
300
×
------------------------------------------------
10.7mA
=
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com