Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics AN2986 Datasheet HTML 14Page - STMicroelectronics AN2986 Datasheet HTML 15Page - STMicroelectronics AN2986 Datasheet HTML 16Page - STMicroelectronics AN2986 Datasheet HTML 17Page - STMicroelectronics AN2986 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Gate current variation
AN2986
14/18
Doc ID 15727 Rev 1
precision of power supply has been taken into account and is appropriate according to our
results. An SMPS + linear voltage regulator have to be used in order to achieve this
accuracy (example VIPER16 + LM337).
MCUs with negative 5 V power supply have some advantages concerning power supply.
Precision of ±10% is enough and can be achieved using capacitive power supply or SMPS
without additional regulation (example VIPER16, assuming a minimum output current 2
mA).
It should be noted that ACS devices are the better candidates for operation with a 3.3 V
supply as the VGTpeak variation is much lower than with TRIACs. Combined with a lower VDD
ripple, this helps to decrease the current consumption (maximum average gate current is
19.4 mA with 3.3 V compared to 22.8 mA with 5 V).
Placing the pins in parallel is necessary to control the 10 mA gate current AC switches with
a 3.3 V supply as the maximum gate current is 60 to 80% above the maximum allowed sunk
current for the I/O MCU pin (for example: STM8S103xx).
For a 5 V supply, the maximum calculated gate current (around 23 mA) is very close to the
maximum allowed I/O pin current. So according to application conditions (min. ambient
temperature, VDD accuracy, etc.), a single pin could be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com