Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics AN2986 Datasheet HTML 14Page - STMicroelectronics AN2986 Datasheet HTML 15Page - STMicroelectronics AN2986 Datasheet HTML 16Page - STMicroelectronics AN2986 Datasheet HTML 17Page - STMicroelectronics AN2986 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Conclusion
AN2986
16/18
Doc ID 15727 Rev 1
4
Conclusion
MCUs supplied from negative 3.3 V power supplies are good replacements of 5 V supplied
MCUs for the control of ACS/TRIACs.
It is possible to design gate control circuits that provide enough current for triggering the
ACS/TRIAC. Calculations of proper gate resistors have been provided.
The variation of VGT has significant influence on circuit behavior for a 3.3 V power supply.
The ACS devices have a lower VGT variation and so are preferred for operation with a 3.3 V
supply. They do indeed allow the power supply consumption to be reduced compared to
TRIACs.
The design of a 3.3 V power supply has to achieve a good accuracy (±5%) to reduce gate
current variation. A capacitive power supply cannot provide the accuracy required. An
SMPS with additional regulation has to be used.
The maximum gate current must meet MCU operating conditions. Refer to the maximum I/O
port current capability. The maximum current capability for any I/O of the STM32 port is 20
mA. One I/O pin to control the Z0103 is sufficient. Putting the I/O ports in parallel in order to
control the less sensitive devices is possible and could also be implemented.
The maximum MCU GND current capability is another parameter that has to be met. The
STM32’s current capability is 150 mA. The STM8S has different current capabilities for
different power supply ratings: 160 mA for a 5 V power supply, and 80 mA for a 3.3 V power
supply.
The average gate current consumption has to meet the capability of the power supply
current. The average gate current can be reduced using pulse gate control. This is
especially efficient for boards where several ACSs or TRIACs are controlled at the same
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com