Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics AN2986 Datasheet HTML 14Page - STMicroelectronics AN2986 Datasheet HTML 15Page - STMicroelectronics AN2986 Datasheet HTML 16Page - STMicroelectronics AN2986 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN2986
Gate current variation
Doc ID 15727 Rev 1
13/18
The MCU is able to provide sufficient gate current. An estimation of VOLmin has been
provided for one I/O port of STM32 (when 8 I/O ports are sunk with 8 mA each at the same
time).
2.4
Summary of calculations
This section summarizes the calculations for devices used in Example 1 to Example 6.
ΔIG describes the difference between the maximum and minimum gate current which has
an impact on the power supply rating.
Equation 10
Average current consumption is based on the hypothesis that the maximum value is
reached continuously during the half-cycle, i.e. as if the gate current were a squared form.
The maximum average gate current is then the average of the maximum values for positive
and negative half-wave:
Equation 11
where I+Gmax is the maximum gate current for positive half-wave according to Equation 7.
I–Gmax is the maximum gate current for negative half-wave and is calculated according to
Equation 7, using the VGTmin value estimated in Section 2.2 for negative half-wave. It means
that a VGTmin of 1 V for Z0103 and 0.7 V for ACS108-6T are used for calculating the
maximum gate current in the negative half-wave.
MCUs with negative 3.3 V supply voltage can be used for triggering ACS/TRIACs, but this
puts additional constraints on the power supply design. VGT peak variation is already around
30% of VDD, so it is mandatory to reduce VDD ripple by precise control. For example a ±5%
Table 2.
Current consumption of different devices and MCUs
RG (Ω) ±1%
IGmin (mA)
IGmax (mA)
ΔIG (mA)
IGavmax (mA)
STM8S + ACS108, 5 V
180
15.7
23.2 (1)
1.
This value exceeds maximum allowed current capability for one high-sink I/0 port of STM8S with 5V power
supply (20 mA). Two pins must be used instead.
7.5
22.8
STM8S + ACS108, 3.3 V
110
15.1
20.8(2)
2.
This value exceeds maximum allowed current capability for one high-sink I/0 port of STM8S with 3.3 V
power supply (12 mA). Two pins must be used instead.
5.7
19.4
STM8S + Z0103, 5 V
560
4.6
8.8
4.2
7.75
STM8S + Z0103, 3.3 V
300
4.6
9.6
5.0
7.6
STM32 + ACS108, 3.3 V
110
15.1
22.6(3)
3.
This value exceeds maximum allowed current capability for one I/O port of STM32 (20 mA). Two pins must
be used instead.
7.5
22.15
STM32 + Z0103, 3.3 V
300
4.6
10.7
5.7
8.85
ΔI
G
I
Gma x
I
Gmin
–
=
I
Gavma x
1
2
--- I
Gma x
+
I
Gma x
–
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com