Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 5Page - STMicroelectronics AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN2986
Gate current variation
Doc ID 15727 Rev 1
9/18
2
Gate current variation
2.1
VGT variation
The voltage drop of the gate junction VGT varies with temperature and load current. The VGT
variation with temperature can be estimated as 2 mV/ °C.
VGT variation with load current is greater and so has a higher influence on gate current
variation. For example Figure 3 gives VGT variation (dark blue curve) during an entire mains
cycle for Z0103 with a 1 A 50 Hz RMS load current
The characterization of the peak value reached by the gate to A1 (or COM) voltage (refer to
"VGTpeak" in Figure 3) is provided when the AC switch current reaches its peak value (refer
to "ITpeak"). The measurements were taken under the following conditions:
●
VDD voltage level: 3.3 V
●
RG resistance: 200 Ω for Z0103 and 100 Ω for other devices
With these values and using the MCU (ST7FLITE19B), the gate current (for zero-load
current) is 7.5 mA with the Z0103. This value is called "IG0".
The VGT variation with load current is larger and significant for positive half-wave. Figure 4
shows that VGT becomes negative and its value drops to –84 mV with a 1.44 A IT current.
This VGT variation has a significant impact on the current consumption and cannot be
neglected. See Figure 4 and Figure 5 for graphs of VGT variation versus load current for
Z0103 and ACS108-6T.
Figure 3.
VGT variation with load current in quadrants 2 and 3 (0.2 A RMS) for Z0103
(Tj = 85 °C, IG0 = 7.5 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com