Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2986 Datasheet HTML 1Page - STMicroelectronics AN2986 Datasheet HTML 2Page - STMicroelectronics AN2986 Datasheet HTML 3Page - STMicroelectronics AN2986 Datasheet HTML 4Page - STMicroelectronics AN2986 Datasheet HTML 5Page - STMicroelectronics AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN2986
Gate resistor choice
Doc ID 15727 Rev 1
5/18
1
Gate resistor choice
1.1
Variation of gate current with temperature
The value of the gate resistor (refer to RG in Figure 1, where a negative power supply is
used) is determined to ensure proper turn-on of the ACS™/TRIAC in the temperature range
specified by the application. The minimum gate current required for turn-on of the
ACS/TRIAC increases as the junction temperature decreases. This variation of minimum
gate current is described in the datasheet “Z01 - 1 A Triacs”, see example in Figure 2. The
worst case appears when junction temperature Tj is at minimum ambient temperature.
Minimum ambient temperature is set to 0 °C for most home appliance applications.
The gate current (IGT) level is specified for 25 °C. At temperature 0 °C this level is usually
increased to a range 1.3 - 1.5 times higher for most TRIACs and AC switches.
Figure 1.
Circuit for direct driving of ACS/TRIAC from MCU
Figure 1 also gives the references for the electrical parameters (VT, IT, VG) which are used in
this application note. Please note that voltage VG is referenced to the G terminal, not the A1
or COM terminal in order to get positive values when the current is sunk from the gate.
AM00456
L
N
VAC MAINS
Load
VT
IT
COM/A1
OUT/A2
RG
G
VG
ACS/TRIAC
MCU
VDD
IG
D1
D2
M1
M2
VSS
+
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com