Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2986 Datasheet HTML 1Page - STMicroelectronics AN2986 Datasheet HTML 2Page - STMicroelectronics AN2986 Datasheet HTML 3Page - STMicroelectronics AN2986 Datasheet HTML 4Page - STMicroelectronics AN2986 Datasheet HTML 5Page - STMicroelectronics AN2986 Datasheet HTML 6Page - STMicroelectronics AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
List of figures
AN2986
4/18
Doc ID 15727 Rev 1
List of figures
Figure 1.
Circuit for direct driving of ACS/TRIAC from MCU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Gate current variation with temperature for Z01 device . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
VGT variation with load current in quadrants 2 and 3 (0.2 A RMS) for Z0103
(Tj = 85 °C, IG0 = 7.5 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Typical VGTpeak versus ITpeak for Z0103 (IG0 = 7.5 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Typical VGTpeak versus ITpeak for ACS108-6T (IG0 = 15 mA) . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Schematics of using buffer transistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com