Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2986 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2986
Description  This document focuses on the calculation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2986 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2986 Datasheet HTML 7Page - STMicroelectronics AN2986 Datasheet HTML 8Page - STMicroelectronics AN2986 Datasheet HTML 9Page - STMicroelectronics AN2986 Datasheet HTML 10Page - STMicroelectronics AN2986 Datasheet HTML 11Page - STMicroelectronics AN2986 Datasheet HTML 12Page - STMicroelectronics AN2986 Datasheet HTML 13Page - STMicroelectronics AN2986 Datasheet HTML 14Page - STMicroelectronics AN2986 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2986
Gate current variation
Doc ID 15727 Rev 1
11/18
The Z01’s maximum VGT is then close to 1.1 V at 1.44 A peak load current in negative half-
wave, for a 0 °C junction temperature (worst case). A maximum value of 1.3 V is used, as
specified in the Z01 datasheet for 25 °C.
The ACS108’s maximum absolute VGT is close to 1 V for a 1.15 A peak load current, for
a 0 °C junction temperature (worst case). A maximum value of 1 V is used, as specified in
the ACS108-6T datasheet for 25 °C.
Two examples are shown. The same components are used as those given in Section 1.2.2.
Note that different values than those specified in Table 1 could be used, especially if a
different gate current is applied. Values are then taken from the MCU datasheet curves (for
example.: STM8S10xxx).
Example 3: MCU: STM8S with ACS108 -6T for power supply 5 V ±10%
Specified values:
RG =180 Ω, VDD = 5 V, VGT (25 °C) = 1 V
Calculated values: VDD min= 0.9 x 5 V = 4.5 V
VGT (0 °C) = 1 + 0.05 V
VOLmax (25 °C, 16 mA) = 0.6 V
IGmin is then given by:
Equation 5
The MCU is able to provide current that is above the minimum gate current for ambient
temperature 0 °C. An estimation of VOLmax has been provided for one high-sink I/O port of
STM8S up to 16 mA. A standard I/O port could have lower current capability (10 mA), in
which case several I/O ports have to be put in parallel.
Example 4: STM32 + Z0103 for 3.3 V ±5%
Specified values:
RG = 300 Ω, VDD = 3.3 V, VGT (25 °C) = 1.3 V
Calculated values: VDDmin = 0.95 x 3.3 V = 3.13 V,
VGT (0 °C) = 0.05 + 1.3 V
VOLmax (IGT = 8 mA) = 0.4 V
IGmin is then given by:
Equation 6
The MCU is able to provide current that is above the minimum gate current for ambient
temperature 0 °C. An estimation of VOLmax has been provided for one I/O port of STM32
(when 8 I/O ports are sunk with 8 mA each at the same time). If the current sunk by one I/O
exceeds 8 mA, the value of 1.3 V should be used instead of 0.4 V.
I
Gmin
4.5
1.05
–
0.6
–
1.01
180
×
----------------------------------------
15.7mA
=
<
I
Gmin
3.13
1.35
–
0.4
–
1.01
300
×
-------------------------------------------
4.6mA
=
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com