Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 5Page - STMicroelectronics AN3147 Datasheet HTML 6Page - STMicroelectronics AN3147 Datasheet HTML 7Page - STMicroelectronics AN3147 Datasheet HTML 8Page - STMicroelectronics AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID17035 Rev 3
9/25
AN3147
Clock management
24
3
Clock management
3.1
STM8L101xx clock system overview
The 16 MHz high speed internal RC oscillator (HSI) is the only clock source that can be
used to drive the system clock.
The 38 kHz low speed internal RC oscillator (LSI) is only used to supply the auto-wakeup
unit (AWU) and watchdog.
Each peripheral clock can be switched on or off independently, in order to optimize power
consumption when the peripheral is not used. This is done by using the peripheral clock
gating (PCG) feature. See the “Clock control” section of the STM8L101xx reference manual
(RM0013) for more details.
3.2
STM8L05xxx, STM8L15xxx, STM8L16xxx, STM8AL31xx and
STM8AL3Lxx clock system overview
Several different clock sources can be used to drive the system clock, depending on the
product and package you use:
1-16 MHz high speed external clock from the crystal oscillator (HSE crystal)
Up to 16 MHz high speed external clock provided by the user (HSE bypass)
16 MHz high speed internal RC oscillator (HSI)
32.768 kHz low speed external crystal oscillator (LSE)
38 kHz low speed internal RC oscillator (LSI)
Each clock source can be switched on or off, depending on the actual needs of the
application. Each peripheral clock can be switched on or off independently, in order to
optimize power consumption when it is not used. This is done by using the peripheral clock
gating (PCG) feature. See the ‘Clock control’ section in the STM8L05xx, STM8L15xx,
STM8L162x, STM8AL31xx and STM8AL3Lxx microcontroller family reference manual
(RM0031) for more details.
Several clock sources can be enabled in one time. The following table shows the main
features of each clock source. STM8L and STM8AL devices offer a complete range of clock
sources to meet customer application requirements in terms of cost, accuracy and
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com